Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/PT Datasheet(PDF) 47 Page - Microchip Technology

Part # LAN9252/PT
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/PT Datasheet(HTML) 47 Page - Microchip Technology

Back Button LAN9252/PT Datasheet HTML 43Page - Microchip Technology LAN9252/PT Datasheet HTML 44Page - Microchip Technology LAN9252/PT Datasheet HTML 45Page - Microchip Technology LAN9252/PT Datasheet HTML 46Page - Microchip Technology LAN9252/PT Datasheet HTML 47Page - Microchip Technology LAN9252/PT Datasheet HTML 48Page - Microchip Technology LAN9252/PT Datasheet HTML 49Page - Microchip Technology LAN9252/PT Datasheet HTML 50Page - Microchip Technology LAN9252/PT Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 47
LAN9252
6.3.5
POWER MANAGEMENT REGISTERS
6.3.5.1
Power Management Control Register (PMT_CTRL)
This read-write register controls the power management features of the device. The ready state of the device be deter-
mined via the Device Ready (READY) bit of this register.
Offset:
084h
Size:
32 bits
Note:
This register can be read while the device is in the reset or not ready / power savings states without leaving
the host interface in an intermediate state. If the host interface is in a reset state, returned data may be
invalid.
It is not necessary to read all four bytes of this register. DWORD access rules do not apply to this register.
Bits
Description
Type
Default
31:29
Power Management Mode (PM_MODE)
This register field determines the chip level power management mode that
will be entered when the Power Management Sleep Enable
(PM_SLEEP_EN) bit is set.
000: D0
001: D1
010: D2
011: D3
100: Reserved
101: Reserved
110: Reserved
111: Reserved
Writes to this field are ignored if Power Management Sleep Enable
(PM_SLEEP_EN) is also being written with a 1.
This field is cleared when the device wakes up.
R/W/SC
000b
28
Power Management Sleep Enable (PM_SLEEP_EN)
Setting this bit enters the chip level power management mode specified with
the Power Management Mode (PM_MODE) field.
0: Device is not in a low power sleep state
1: Device is in a low power sleep state
This bit can not be written at the same time as the PM_MODE register field.
The PM_MODE field must be set, and then this bit must be set for proper
device operation.
Writes to this bit with a value of 1 are ignored if Power Management Mode
(PM_MODE) is being written with a new value.
Note:
Although not prevented by H/W, this bit should not be written with
a value of 1 while Power Management Mode (PM_MODE) has a
value of “D0”.
This field is cleared when the device wakes up.
R/W/SC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com