Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/PT Datasheet(PDF) 75 Page - Microchip Technology

Part # LAN9252/PT
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/PT Datasheet(HTML) 75 Page - Microchip Technology

Back Button LAN9252/PT Datasheet HTML 71Page - Microchip Technology LAN9252/PT Datasheet HTML 72Page - Microchip Technology LAN9252/PT Datasheet HTML 73Page - Microchip Technology LAN9252/PT Datasheet HTML 74Page - Microchip Technology LAN9252/PT Datasheet HTML 75Page - Microchip Technology LAN9252/PT Datasheet HTML 76Page - Microchip Technology LAN9252/PT Datasheet HTML 77Page - Microchip Technology LAN9252/PT Datasheet HTML 78Page - Microchip Technology LAN9252/PT Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 75
LAN9252
16-BIT READS AND WRITES TO CONSTANT ADDRESS
The address is latched simultaneously from AD[7:0] and AD[15:8]. A mix of reads and writes on AD[15:0] follows.
8-BIT READ
The address is latched simultaneously from AD[7:0] and AD[15:8]. A read on AD[7:0] follows. AD[15:8] pins are not
used or driven for the data phase as the host could potentially continue to drive the upper address on these signals. The
cycle is repeated for the other BYTEs of the DWORD.
Note:
Generally, two 16-bit reads to opposite WORDs of the same DWORD are required. 16-bit reads and writes
to the same WORD is a special case.
FIGURE 9-15:
MULTIPLEXED ADDRESSING WITH SINGLE PHASE LATCHING - 16-BIT READS
AND WRITES CONSTANT ADDRESS
FIGURE 9-16:
MULTIPLEXED ADDRESSING WITH SINGLE PHASE LATCHING - 8-BIT READ
ALELO
ALEHI
CS
RD
WR
Address Low
Address High
Data 15:8
Data 7:0
Optional
AD[15:8]
AD[7:0]
Data 15:8
Data 7:0
Data 15:8
Data 7:0
Data 15:8
Data 7:0
Data 15:8
Data 7:0
ALELO
ALEHI
CS
RD
WR
Address Low
Data 7:0
Address+1 Low
Data 15:8
Address High
Address High
Optional
Optional
Address+2 Low
Data 23:16
Address High
Address+3 Low
Data 31:24
Address High
Optional
Optional
AD[15:8]
AD[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com