Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/PT Datasheet(PDF) 92 Page - Microchip Technology

Part # LAN9252/PT
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/PT Datasheet(HTML) 92 Page - Microchip Technology

Back Button LAN9252/PT Datasheet HTML 88Page - Microchip Technology LAN9252/PT Datasheet HTML 89Page - Microchip Technology LAN9252/PT Datasheet HTML 90Page - Microchip Technology LAN9252/PT Datasheet HTML 91Page - Microchip Technology LAN9252/PT Datasheet HTML 92Page - Microchip Technology LAN9252/PT Datasheet HTML 93Page - Microchip Technology LAN9252/PT Datasheet HTML 94Page - Microchip Technology LAN9252/PT Datasheet HTML 95Page - Microchip Technology LAN9252/PT Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 329 page
background image
LAN9252
DS00001909A-page 92
 2015 Microchip Technology Inc.
9.5.6.2
Index Register Data Access
The figures in this section detail index register read and write operations in indexed address mode for 16 and 8-bit
modes.
16-BIT READ AND WRITE
For writes, the address is set to access the lower WORD of one of the Index Registers. Data on D[15:0] is written on
the trailing edge of WR. The cycle repeats for the upper WORD of the Index Register, if desired by the host.
For reads, the address is set to access the lower WORD of one of the Index Registers. Read data is driven on D[15:0]
during RD active. The cycle repeats for the upper WORD of the Index Register, if desired by the host.
8-BIT READ AND WRITE
For writes, the address is set to access the lower BYTE of one of the Index Registers. Data on D[7:0] is written on the
trailing edge of WR. D[15:8] pins are not used or driven. The cycle repeats for the remaining BYTEs of the Index Reg-
ister, if desired by the host.
For reads, the address is set to access the lower BYTE of one of the Index Registers. Read data is driven on D[7:0]
during RD active. D[15:8] pins are not used or driven. The cycle repeats for the remaining BYTEs of the Index Register,
if desired by the host.
Note:
The upper WORD of Index Registers is reserved and don’t care. Therefore reads and writes to that WORD
are not useful.
FIGURE 9-27:
INDEXED ADDRESSING INDEX REGISTER ACCESS - 16-BIT WRITE/READ
CS
RD
WR
INDEX,1'b0
Index 15:8
D[15:8]
A[4:1]
INDEX,1'b1
8'hXX
Index 7:0
D[7:0]
8'hXX
INDEX,1'b0
Index 15:8
Index 7:0
INDEX,1'b1
8'hXX
8'hXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com