Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1748E/2K Datasheet(PDF) 25 Page - Texas Instruments

Part # PCM1748E/2K
Description  24-Bit, 96-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1748E/2K Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM1748E/2K Datasheet HTML 21Page - Texas Instruments PCM1748E/2K Datasheet HTML 22Page - Texas Instruments PCM1748E/2K Datasheet HTML 23Page - Texas Instruments PCM1748E/2K Datasheet HTML 24Page - Texas Instruments PCM1748E/2K Datasheet HTML 25Page - Texas Instruments PCM1748E/2K Datasheet HTML 26Page - Texas Instruments PCM1748E/2K Datasheet HTML 27Page - Texas Instruments PCM1748E/2K Datasheet HTML 28Page - Texas Instruments PCM1748E/2K Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
www.ti.com
APPLICATION INFORMATION
Connection Diagram
1
2
3
4
5
6
7
8
BCK
DATA
LRCK
DGND
V
DD
V
CC
V
OUTL
V
OUTR
16
15
14
13
12
11
10
9
SCK
ML
MC
MD
ZEROL/NA
ZEROR/ZEROA
V
COM
AGND
Post LPF
+3.3V
Regulator
Mode
Control
Zero Mute
Control
System Clock
PCM
Audio Data
Input
+5V V
CC
L−Chan OUT
10 F
10
µF
+
+
10
µF
Post LPF
R−Chan OUT
µ
Power Supplies and Grounding
DAC Output Filter Circuits
PCM1748
SBAS165B – MAY 2001 – REVISED APRIL 2005
A basic connection diagram is shown in Figure 28, with the necessary power-supply bypassing and decoupling
components. Texas Instruments recommends using the component values shown in Figure 28 for all designs.
Figure 28. Basic Connection Diagram
The use of series resistors (22
Ω to 100 Ω) is recommended for the SCK, LRCK, BCK, and DATA inputs. The
series resistor combines with stray PCB and device input capacitance to form a low-pass filter that reduces
high-frequency noise emissions and helps to dampen glitches and ringing present on clock and data lines.
The PCM1748 requires a 5-V analog supply (VCC) and a 3.3-V digital supply (VDD). The 5-V supply is used to
power the DAC analog and output filter circuitry, while the 3.3-V supply is used to power the digital filter and
serial interface circuitry. For best performance, the 3.3-V supply should be derived from the 5-V supply using a
linear regulator, as shown in Figure 28. The REG1117-3.3 from Texas Instruments is an ideal choice for this
application.
Proper power-supply bypassing is shown in Figure 28. The 10-
µF capacitors should be tantalum or aluminum
electrolytic.
Delta-sigma DACs use noise-shaping techniques to improve in-band signal-to-noise ratio (SNR) performance at
the expense of generating increased out-of-band noise above the Nyquist frequency, or fS/2. The out-of-band
noise must be low-pass filtered in order to provide optimal converter performance. This is accomplished by a
combination of on-chip and external low-pass filtering.
Figure 27(a) and Figure 29 show the recommended external low-pass active filter circuits for single- and
dual-supply applications. These circuits are second-order Butterworth filters using a multiple feedback (MFB)
circuit arrangement that reduces sensitivity to passive component variations over frequency and temperature. For
more information regarding MFB active filter design, see FilterPro™ MFB and Sallen-Key Low-Pass Filter Design
Program (SBFA001), available from the TI Web site at http://www.ti.com.
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com