Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1748E/2K Datasheet(PDF) 29 Page - Texas Instruments

Part # PCM1748E/2K
Description  24-Bit, 96-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1748E/2K Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM1748E/2K Datasheet HTML 25Page - Texas Instruments PCM1748E/2K Datasheet HTML 26Page - Texas Instruments PCM1748E/2K Datasheet HTML 27Page - Texas Instruments PCM1748E/2K Datasheet HTML 28Page - Texas Instruments PCM1748E/2K Datasheet HTML 29Page - Texas Instruments PCM1748E/2K Datasheet HTML 30Page - Texas Instruments PCM1748E/2K Datasheet HTML 31Page - Texas Instruments PCM1748E/2K Datasheet HTML 32Page - Texas Instruments PCM1748E/2K Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
www.ti.com
KEY PERFORMANCE PARAMETERS AND MEASUREMENT
Total Harmonic Distortion + Noise
S/PDIF
Receiver
Evaluation Board
f
− 3dB = 54kHz or 108kHz
PCM1748
DEM−DAI1748
2nd−Order
Low−Pass
Filter
Notch Filter
Band Limit
HPF = 22Hz
LPF = 30kHz
f
C = 1kHz
rms Mode
0dBFS,
1kHz Sine Wave
S/PDIF
Output
Analyzer
and
Display
20kHz
Apogee
Filter
Digital
Generator
PCM1748
SBAS165B – MAY 2001 – REVISED APRIL 2005
This section provides information on how to measure key dynamic performance parameters for the PCM1748. In
all cases, a System Two™ Cascade audio measurement system by Audio Precision™, or equivalent, is used to
perform the testing.
Total harmonic distortion + noise (THD+N) is a significant figure of merit for audio DACs, because it takes into
account both harmonic distortion and all noise sources within a specified measurement bandwidth. The true rms
value of the distortion and noise is referred to as THD+N. Figure 35 shows the test setup for THD+N
measurements.
For the PCM1748, THD+N is measured with a full-scale, 1-kHz digital sine wave as the test stimulus at the input
of the DAC. The digital generator is set to a 24-bit audio word length and a sampling frequency of 44.1 kHz or
96 kHz. The digital generator output is taken from the unbalanced S/PDIF connector of the measurement
system. The S/PDIF data is transmitted via a coaxial cable to the digital audio receiver on the DEM-DAI1748
demonstration board. The receiver is then configured to output 24-bit data in either I
2S or left-justified data
format. The DAC audio interface format is programmed to match the receiver output format. The analog output is
then taken from the DAC post filter and connected to the analog analyzer input of the measurement system. The
analog input is band-limited using filters resident in the analyzer. The resulting THD+N is measured by the
analyzer and displayed by the measurement system.
Figure 35. Test Setup for THD+N Measurements
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com