Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1748E/2K Datasheet(PDF) 30 Page - Texas Instruments

Part # PCM1748E/2K
Description  24-Bit, 96-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1748E/2K Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCM1748E/2K Datasheet HTML 26Page - Texas Instruments PCM1748E/2K Datasheet HTML 27Page - Texas Instruments PCM1748E/2K Datasheet HTML 28Page - Texas Instruments PCM1748E/2K Datasheet HTML 29Page - Texas Instruments PCM1748E/2K Datasheet HTML 30Page - Texas Instruments PCM1748E/2K Datasheet HTML 31Page - Texas Instruments PCM1748E/2K Datasheet HTML 32Page - Texas Instruments PCM1748E/2K Datasheet HTML 33Page - Texas Instruments PCM1748E/2K Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
www.ti.com
Dynamic Range
S/PDIF
Receiver
Evaluation Board
PCM1748(1)
DEM−DAI1748
2nd−Order
Low−Pass
Filter
Notch Filter
Band Limit
HPF = 22Hz
LPF = 22kHz
f
C = 1kHz
f
− 3dB = 54kHz or 108kHz
0% Full−Scale,
Dither Off (SNR)
− 60dBFS,
1kHz Sine Wave
(Dynamic Range)
S/PDIF
Output
A−Weight
Filter(2)
rms Mode
Analyzer
and
Display
Digital
Generator
Idle-Channel Signal-to-Noise Ratio
PCM1748
SBAS165B – MAY 2001 – REVISED APRIL 2005
KEY PERFORMANCE PARAMETERS AND MEASUREMENT (continued)
Dynamic range is specified as A-weighted, THD+N measured with a –60-dBFS, 1-kHz digital sine-wave stimulus
at the input of the DAC. This measurement is designed to give a good indicator of how the DAC performs given a
low-level input signal.
The measurement setup for the dynamic range measurement is shown in Figure 36 and is similar to the THD+N
test setup discussed previously. The differences include the band-limit filter selection, the additional A-weighting
filter, and the –60-dBFS input level.
(1)
Infinite-zero-detect mute disabled
(2)
Results without A-weighting are approximately 3 dB worse.
Figure 36. Test Setup Dynamic Range and SNR Measurements
The SNR test provides a measure of the noise floor of the DAC. The input to the DAC is all-0s data, and the
DAC infinite-zero-detect mute function must be disabled (default condition at power up for the PCM1748). This
ensures that the delta-sigma modulator output is connected to the output amplifier circuit so that idle tones (if
present) can be observed and affect the SNR measurement. The dither function of the digital generator must
also be disabled to ensure an all-0s data stream at the input of the DAC. The measurement setup for SNR is
identical to that used for dynamic range, with the exception of the input signal level (see the notes provided in
Figure 36).
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com