Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3003 Datasheet(PDF) 33 Page - Texas Instruments

Part # PCM3003
Description  16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3003 Datasheet(HTML) 33 Page - Texas Instruments

Back Button PCM3003 Datasheet HTML 29Page - Texas Instruments PCM3003 Datasheet HTML 30Page - Texas Instruments PCM3003 Datasheet HTML 31Page - Texas Instruments PCM3003 Datasheet HTML 32Page - Texas Instruments PCM3003 Datasheet HTML 33Page - Texas Instruments PCM3003 Datasheet HTML 34Page - Texas Instruments PCM3003 Datasheet HTML 35Page - Texas Instruments PCM3003 Datasheet HTML 36Page - Texas Instruments PCM3003 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
www.ti.com
VREF2
20
19
18
17
16
15
14
13
5
6
7
8
9
10
11
12
VINL
RST/PDAD
ML/PDDA
SYSCLK
LRCIN
BCKIN
DOUT
VOUTR
DGND
VOUTL
MC/DEM0
MD/DEM1
ZFLG/20BIT
VDD
DIN
Rch In
Audio
Interface
VCC1
24
23
22
21
1
2
3
4
VCC1
VINR
VREF1
VCC2
AGND1
AGND2
VCOM
+
+
0.1
µF
and 10
µF(1)
MC(6)/DEM0(7)
ZFLG(6)/20BIT(7)
Control
Interface
PCM3002/3003
+
+
1
µF(3)
4.7
µF(2)
4.7
µF(2)
Lch In
+
1
µF(3)
SYSCLK
L/R CLK
BIT CLK
DATA OUT
DATA IN
S0014-01
+3 V Analog VCC
+
+
0.1
µF
and 10
µF(1)
4.7
µF(2)
+
4.7
µF(4)
Rch Out(5)
Lch Out(5)
MD(6)/DEM1(7)
0.1
µF
and 10
µF(1)
ML(6)/PDDA(7)
RST(6)/PDAD(7)
4.7
µF(4)
10 k
Ω
+
PCM3002
PCM3003
SBAS079A – OCTOBER 2000 – REVISED OCTOBER 2004
(1)
0.1-
µF ceramic and 10-µF tantalum, typical, depending on power supply quality and pattern layout
(2)
4.7-
µF, typical, gives settling time with 30-ms (4.7 µF × 6.4 kΩ) time constant in the power ON and power-down OFF
periods.
(3)
1-
µF, typical, gives 5.3-Hz cutoff frequency for the input HPF in normal operation and gives settling time with 30-ms
(1
µF × 30 kΩ) time constant in the power ON and power-down OFF periods.
(4)
4.7-
µF, typical, gives 3.4-Hz cutoff frequency for the output HPF in normal operation and gives settling time with
47-ms (4.7
µF × 10 kΩ) time constant in the power ON and power-down OFF periods.
(5)
Post low-pass filter with RIN > 10 kΩ, depending on system performance requirements
(6)
MC, MD, ML, ZFLG, RST, and 10-k
Ω pullup resistor are for the PCM3002.
(7)
DEM0, DEM1, 20BIT, PDAD, PDDA are for the PCM3003.
Figure 51. Typical Connection Diagram for PCM3002/3003
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com