Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3003 Datasheet(PDF) 12 Page - Texas Instruments

Part # PCM3003
Description  16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3003 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM3003 Datasheet HTML 8Page - Texas Instruments PCM3003 Datasheet HTML 9Page - Texas Instruments PCM3003 Datasheet HTML 10Page - Texas Instruments PCM3003 Datasheet HTML 11Page - Texas Instruments PCM3003 Datasheet HTML 12Page - Texas Instruments PCM3003 Datasheet HTML 13Page - Texas Instruments PCM3003 Datasheet HTML 14Page - Texas Instruments PCM3003 Datasheet HTML 15Page - Texas Instruments PCM3003 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
www.ti.com
TYPICAL PERFORMANCE CURVES
SUPPLY CURRENT
VCC − Supply Voltage − V
0
5
10
15
20
25
2.1
2.4
2.7
3.0
3.3
3.6
3.9
ADC and DAC
ADC
DAC
Power Down and Off
2.5
2.0
1.5
0
1.0
G020
0.5
TA − Free-Air Temperature − °C
0
5
10
15
20
25
−50
−25
0
25
50
75
100
ADC and DAC
ADC
DAC
Power Down and Off
2.5
2.0
1.5
0
1.0
G019
0.5
15
16
17
18
19
20
ADC and DAC
fS − Sampling Frequency − kHz
48
32
44.1
G021
512 fS
256 fS
PCM3002
PCM3003
SBAS079A – OCTOBER 2000 – REVISED OCTOBER 2004
All specifications at T
A = 25°C, VCC = VDD = 3 V, fS = 44.1 kHz, fSYSCLK = 384 fS, DIN = BPZ, and VIN = BPZ, unless otherwise
noted
ICC + IDD
ICC + IDD
vs
vs
SUPPLY VOLTAGE
TEMPERATURE
Figure 19.
Figure 20.
All characteristics at supply voltages from 2.4 V to
2.7 V are measured at SYSCLK = 256 fS.
ICC + IDD
vs
SAMPLING FREQUENCY
Figure 21.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com