Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3003E.B Datasheet(PDF) 30 Page - Texas Instruments

Part # PCM3003E.B
Description  16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3003E.B Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCM3003E.B Datasheet HTML 26Page - Texas Instruments PCM3003E.B Datasheet HTML 27Page - Texas Instruments PCM3003E.B Datasheet HTML 28Page - Texas Instruments PCM3003E.B Datasheet HTML 29Page - Texas Instruments PCM3003E.B Datasheet HTML 30Page - Texas Instruments PCM3003E.B Datasheet HTML 31Page - Texas Instruments PCM3003E.B Datasheet HTML 32Page - Texas Instruments PCM3003E.B Datasheet HTML 33Page - Texas Instruments PCM3003E.B Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
www.ti.com
PROGRAM REGISTER 3
PCM3002
PCM3003
SBAS079A – OCTOBER 2000 – REVISED OCTOBER 2004
DEM[1:0]:
Bits 2, 1: DAC de-emphasis control
These bits select the de-emphasis mode as shown below:
DEM1
DEM0
DE-EMPHASIS STATUS
0
0
De-emphasis 44. 1 kHz ON
0
1
De-emphasis OFF (default)
1
0
De-emphasis 48 kHz ON
1
1
De-emphasis 32 kHz ON
MUT:
Bit 0: DAC soft mute control
When set to 1, both left- and right-channel DAC outputs are muted at the same time. This muting is
done by attenuating the data in the digital filter, so there is no audible click noise when soft mute is
turned on.
MUT
MUTE STATUS
0
Mute disabled (default)
1
Mute enabled
res:
Bits 15–11: Reserved
These bits are reserved and should be set to 0.
A[1:0]
Bits 10, 9: Register address
These bits define the address for register 3:
A1
A0
REGISTER
1
1
Register 3
res:
Bits 8–6: Reserved
These bits are reserved and should be set to 0.
LOP:
Bit 5: ADC to DAC loopback control
When this bit is set to 1, the ADC audio data is sent directly to the DAC. The data format defaults to
I2S; DOUT is still available in loopback mode.
LOP
LOOPBACK STATUS
0
Loopback disabled (default)
1
Loopback enabled
res:
Bit 4: Reserved
This bit is reserved and should be set to 0.
FMT[1:0]
Bits 3–2: Audio data format select
These bits determine the input and output audio data formats.
FMT1
FMT0
DAC DATA FORMAT
ADC DATA FORMAT
NAME
0
0
16-bit, MSB-first, right-justified
16-bit, MSB-first, left-justified
Format 0 (default)
0
1
20-bit, MSB-first, right-justified
20-bit, MSB-first, left-justified
Format 1
1
0
20-bit, MSB-first, left-justified
20-bit, MSB-first, left-justified
Format 2
1
1
20-bit, MSB-first, I2S
20-bit, MSB-first, I2S
Format 3
LRP:
Bit 1: ADC to DAC LRCIN polarity select
Polarity of LRCIN applies only to formats 0 through 2.
LRP
LEFT/RIGHT POLARITY
0
Left channel is H, right channel is L (default).
1
Left channel is L, right channel is H.
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com