Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3003E.B Datasheet(PDF) 31 Page - Texas Instruments

Part # PCM3003E.B
Description  16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3003E.B Datasheet(HTML) 31 Page - Texas Instruments

Back Button PCM3003E.B Datasheet HTML 27Page - Texas Instruments PCM3003E.B Datasheet HTML 28Page - Texas Instruments PCM3003E.B Datasheet HTML 29Page - Texas Instruments PCM3003E.B Datasheet HTML 30Page - Texas Instruments PCM3003E.B Datasheet HTML 31Page - Texas Instruments PCM3003E.B Datasheet HTML 32Page - Texas Instruments PCM3003E.B Datasheet HTML 33Page - Texas Instruments PCM3003E.B Datasheet HTML 34Page - Texas Instruments PCM3003E.B Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
www.ti.com
PCM3003 DATA FORMAT CONTROL
Power-Down Control (Pin 7 and Pin 8)
De-Emphasis Control (Pin 17 and Pin 18)
20BIT Audio Data Selection (Pin 16)
PCM3002
PCM3003
SBAS079A – OCTOBER 2000 – REVISED OCTOBER 2004
res:
Bit 0: Reserved
This bit is reserved and should be set to 0.
The PCM3003 has hardware functional control using PDAD (pin 7) and PDDA (pin 8) for power-down control;
DEM0 (pin 18) and DEM1 (pin 17) for de-emphasis; and 20BIT (pin 16) for 16/20-bit format selection.
Both the ADC and DAC power-down control pins place the ADC or DAC section in the lowest
power-consumption mode. The ADC/DAC operation is stopped by cutting the supply current to the ADC/DAC
section. DOUT is fixed to zero during ADC power-down mode enable and VOUT is fixed to GND during DAC
power-down mode enable. Figure 46 illustrates the ADC and DAC output response for power-down ON/OFF.
PDAD
PDDA
POWER DOWN
Low
Low
Reset (ADC/DAC power down enabled)
Low
High
ADC power-down/DAC operates
High
Low
ADC operates/DAC power down
High
High
ADC and DAC normal operation
DEM0 (pin 18) and DEM1 (pin 17) are used as de-emphasis control pins.
DEM1
DEMO
DE-EMPHASIS
Low
Low
De-emphasis enabled for 44.1 kHz
Low
High
De-emphasis disabled
High
Low
De-emphasis enabled for 48 kHz
High
High
De-emphasis enabled for 32 kHz
20BIT
FORMAT
Low
ADC: 16-bit MSB-first, left-justified
DAC: 16-bit MSB-first, right-justified
High
ADC: 20-bit MSB-first, left-justified
DAC: 20-bit MSB-first, right-justified
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com