Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3003E.B Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM3003E.B
Description  16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3003E.B Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM3003E.B Datasheet HTML 5Page - Texas Instruments PCM3003E.B Datasheet HTML 6Page - Texas Instruments PCM3003E.B Datasheet HTML 7Page - Texas Instruments PCM3003E.B Datasheet HTML 8Page - Texas Instruments PCM3003E.B Datasheet HTML 9Page - Texas Instruments PCM3003E.B Datasheet HTML 10Page - Texas Instruments PCM3003E.B Datasheet HTML 11Page - Texas Instruments PCM3003E.B Datasheet HTML 12Page - Texas Instruments PCM3003E.B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
www.ti.com
90
92
94
96
98
2.1
2.4
2.7
3.0
3.3
3.6
3.9
VCC − Supply Voltage − V
98
96
94
90
92
G010
Dynamic Range
SNR
0.002
0.004
0.006
0.008
0.010
2.1
2.4
2.7
3.0
3.3
3.6
3.9
VCC − Supply Voltage − V
4
3
2
0
1
G009
−60 dB
FS
90
92
94
96
98
98
96
94
90
92
G012
Dynamic
Range
SNR
fS − Sampling Frequency − kHz
48
32
44.1
256 fS, 512 fS
384 fS
0.002
0.004
0.006
0.008
0.010
fS − Sampling Frequency − kHz
4
3
2
0
1
G011
48
32
44.1
384 fS
256 fS, 512 fS
384 fS
256 fS, 512 fS
FS
−60 dB
PCM3002
PCM3003
SBAS079A – OCTOBER 2000 – REVISED OCTOBER 2004
TYPICAL PERFORMANCE CURVES (continued)
All specifications at T
A = 25°C, VCC = VDD = 3 V, fS = 44.1 kHz, fSYSCLK = 384 fS, and fSIGNAL = 1 kHz, unless otherwise noted
THD+N
DYNAMIC RANGE and SNR
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 9.
Figure 10.
NOTE: All characteristics at supply voltages from 2.4 V to 2.7 V are measured at SYSCLK = 256 fS.
THD+N
DYNAMIC RANGE and SNR
vs
vs
SAMPLING FREQUENCY and SYSTEM CLOCK
SAMPLING FREQUENCY and SYSTEM CLOCK
Figure 11.
Figure 12.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com