Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLDRIVE102BH Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVLDRIVE102BH
Description  STDRIVE102BH evaluation board for three-phase brushless motors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLDRIVE102BH Datasheet(HTML) 1 Page - STMicroelectronics

  EVLDRIVE102BH Datasheet HTML 1Page - STMicroelectronics EVLDRIVE102BH Datasheet HTML 2Page - STMicroelectronics EVLDRIVE102BH Datasheet HTML 3Page - STMicroelectronics EVLDRIVE102BH Datasheet HTML 4Page - STMicroelectronics EVLDRIVE102BH Datasheet HTML 5Page - STMicroelectronics EVLDRIVE102BH Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
•
Operating voltage from 6 V to 50 V
•
Output current up to 12 Arms: power stage based on STL220N6F7 60 V,
1.2 mΩ N-channel power MOSFETs
•
Three-shunt configuration
•
STDRIVE102BH triple half-bridge gate driver:
–
Programmable gate current (up to 1 A source / 2 A sink)
–
Charge pump for 100 % duty cycle operation
–
Three embedded operational amplifiers and three comparators for
current sensing and overcurrent detection
–
Full set of protections: UVLO, thermal shutdown, VDS monitoring
•
Input connector for Hall-effect based sensors and encoder
•
Motor BEMF sensing network
•
Bus voltage sensing
•
NTC temperature sensing
•
Morpho connectors compatible with a wide range of STM32 NUCLEO boards
Applications
•
Battery supplied power tools
•
Portable vacuum cleaners
•
E-bikes
•
Industrial automation
•
Robotics
•
Pumps and fans
Description
The EVLDRIVE102BH evaluation board is a three-phase inverter based on the
STL220N6F7 power MOSFETs. This evaluation board allows a full evaluation of the
features of the STDRIVE102BH, a triple half-bridge gate driver.
The power stage uses a three-shunt topology: the current sensing and the
overcurrent protections are implemented using the three operational amplifiers and
the three comparators embedded in the STDRIVE102BH.
The embedded protections of the STDRIVE102BH, such as the UVLO on the driving
voltage and the VDS monitoring for each power MOSFET, ensure a safe driving
operation of the power stage.
The EVLDRIVE102BH evaluation board is thermally protected by exploiting both the
hardware thermal shutdown protection embedded in the STDRIVE102BH and also
an onboard NTC sensor placed close to the power stage, for a firmware thermal
protection.
The two diagnostic pins of the STDRIVE102BH, the nFAULT pin for the protection
events and the FLAG pin for the drivers’ supply warning, are both connected to the
control board and are also visible through two different LED indicators.
Product status link
EVLDRIVE102BH
STDRIVE102BH
STL220N6F7
STDRIVE102BH evaluation board for three-phase brushless motors
EVLDRIVE102BH
Data brief
DB5414 - Rev 1 - March 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - EVLDRIVE102BH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVL-HFAA01B24 PANASONIC-EVL-HFAA01B24 Datasheet
223Kb / 3P
Compact Thumb-wheel Driving Rotary Po ten ti om e ters
EVL-HFKA05B54 PANASONIC-EVL-HFKA05B54 Datasheet
223Kb / 3P
Compact Thumb-wheel Driving Rotary Po ten ti om e ters
logo
STMicroelectronics
EVL185W-LEDTV STMICROELECTRONICS-EVL185W-LEDTV Datasheet
121Kb / 5P
RoHS compliant
04-Apr-2011
logo
Analog Devices
EVL1HMC1114LP5D AD-EVL1HMC1114LP5D Datasheet
483Kb / 16P
High output IP3: 44 dBm typical
Rev. 0
logo
Monolithic Power System...
EVL2491N-QB-00A MPS-EVL2491N-QB-00A Datasheet
731Kb / 9P
32V, 6A, High-Efficiency, Synchronous Step-Down Converter Evaluation Board
9/8/2022 Rev. 1.0
More results

Similar Description - EVLDRIVE102BH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
Three-Phase Brushless Motor Driver for Polygon Mirror Motors
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1987 SANYO-LB1987 Datasheet
148Kb / 17P
Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
STMicroelectronics
EVALSTDRIVE101 STMICROELECTRONICS-EVALSTDRIVE101 Datasheet
959Kb / 13P
STDRIVE101 demonstration board for three-phase brushless motors
Oct-2020
EVSPIN32G4 STMICROELECTRONICS-EVSPIN32G4 Datasheet
2Mb / 18P
STSPIN32G4 demonstration board for three-phase brushless motors
15-Mar-2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com