Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5060 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5060
Description  Nonreflective RF Path Selector SP3T with Bypass, 100MHz to 20GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5060 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5060 Datasheet HTML 8Page - Analog Devices ADRF5060 Datasheet HTML 9Page - Analog Devices ADRF5060 Datasheet HTML 10Page - Analog Devices ADRF5060 Datasheet HTML 11Page - Analog Devices ADRF5060 Datasheet HTML 12Page - Analog Devices ADRF5060 Datasheet HTML 13Page - Analog Devices ADRF5060 Datasheet HTML 14Page - Analog Devices ADRF5060 Datasheet HTML 15Page - Analog Devices ADRF5060 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADRF5060
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 13 of 16
The ADRF5060 has two power supply pins (VDD and VSS) and
three control pins (V1, V2, and XC). Figure 26 shows the external
components and connections for the supply and control pins. The
VDD pin and the VSS pin are decoupled with a 100pF capacitor.
The ADRF5060 pinout allows the placement of the decoupling
capacitors close to the device. No other external components are
needed for bias and operation, except DC blocking capacitors on
the RF pins (RFIN, RFOUT, OUTA, OUTB, INA, and INB) when the
RF lines are biased at a voltage different than 0V. Refer to the Pin
Configuration and Function Descriptions section for further details.
Figure 26. Recommended Schematic
APPLICATION EXAMPLES
Due to its unique RF port configuration, the ADRF5060 can be
used to implement complex switching topologies with ease of use
and minimum PCB area. Shown in the Gain Ranging section and
the Transfer Switch section are two examples that can be realized
using the ADRF5060. See Figure 27 for the gain ranging example
and see Figure 29 for the transfer switch example.
Gain Ranging
The gain ranging configuration shown in Figure 27 allows the
ADRF5060 to be configured as a path selector. See the signal path
in Figure 28 and the digital control table in Table 7 for additional
information. This configuration requires two digital control pins. Due
to the wide bandwidth of the ADRF5060, amplifiers that operate at
different frequencies can be implemented as well.
Figure 27. Gain Ranging Block Diagram
Figure 28. Gain Ranging Signal Path
Users can select an amplifier path, through path, or attenuator path
(see Table 7), thus creating a repeatable and compact gain ranging
module.
Table 7. Gain Ranging Application Truth Table
V1
V2
Switch State
High
Low
Amplifier selected
Low
High
Attenuator selected
Low
Low
Through path selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com