Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5060 Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF5060
Description  Nonreflective RF Path Selector SP3T with Bypass, 100MHz to 20GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5060 Datasheet(HTML) 2 Page - Analog Devices

  ADRF5060 Datasheet HTML 1Page - Analog Devices ADRF5060 Datasheet HTML 2Page - Analog Devices ADRF5060 Datasheet HTML 3Page - Analog Devices ADRF5060 Datasheet HTML 4Page - Analog Devices ADRF5060 Datasheet HTML 5Page - Analog Devices ADRF5060 Datasheet HTML 6Page - Analog Devices ADRF5060 Datasheet HTML 7Page - Analog Devices ADRF5060 Datasheet HTML 8Page - Analog Devices ADRF5060 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Data Sheet
ADRF5060
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 16
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Specifications........................................................ 3
Absolute Maximum Ratings...................................5
Thermal Resistance........................................... 5
Power Derating Curve........................................ 5
Electrostatic Discharge (ESD) Ratings...............6
ESD Caution.......................................................6
Pin Configuration and Function Descriptions........ 7
Interface Schematics..........................................8
Typical Performance Characteristics..................... 9
Insertion Loss, Return Loss, and Isolation......... 9
Input Power Compression and Third-Order
Intercept..........................................................11
Theory of Operation.............................................12
RF Input And Output........................................ 12
Power Supply................................................... 12
Applications Information...................................... 13
Application Examples.......................................13
Recommendations for PCB Design..................14
Outline Dimensions............................................. 16
Ordering Guide.................................................16
REVISION HISTORY
5/2025—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com