Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5060 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5060
Description  Nonreflective RF Path Selector SP3T with Bypass, 100MHz to 20GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5060 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5060 Datasheet HTML 1Page - Analog Devices ADRF5060 Datasheet HTML 2Page - Analog Devices ADRF5060 Datasheet HTML 3Page - Analog Devices ADRF5060 Datasheet HTML 4Page - Analog Devices ADRF5060 Datasheet HTML 5Page - Analog Devices ADRF5060 Datasheet HTML 6Page - Analog Devices ADRF5060 Datasheet HTML 7Page - Analog Devices ADRF5060 Datasheet HTML 8Page - Analog Devices ADRF5060 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADRF5060
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 16
VDD = 3.3V, VSS = −3.3V, V1 = 0 V or 3.3 V, V2 = 0V or 3.3V, TA = 25°C, and it is a 50Ω system, unless otherwise noted. External Path A
refers to the RFIN to OUTA and INA to RFOUT connected configuration, and External Path B refers to the RFIN to OUTB and INB to RFOUT
connected configuration.
Table 1. Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
0.1
20
GHz
INSERTION LOSS
External Path A or External Path B Selected
OUTA or OUTB to RFIN, and INA or INB to RFOUT
0.1GHz to 8GHz
0.65
dB
8GHz to12 GHz
0.7
dB
12GHz to 20GHz
0.95
dB
Through Path
RFIN to RFOUT
0.1GHz to 8GHz
1
dB
8GHz to 12GHz
1.15
dB
12GHz to 20GHz
1.3
dB
RETURN LOSS
External Path A or External Path B Selected
RFIN and RFOUT
0.1GHz to 12GHz
>20
dB
12GHz to 20GHz
>18
dB
INA and INB and OUTA and OUTB (On)
0.1GHz to 20GHz
>20
dB
INA and INB and OUTA and OUTB (Off)
0.1GHz to 8GHz
>20
dB
8GHz to 12GHz
15
dB
12GHz to 20GHz
15
dB
Through Path
RFIN to RFOUT
0.1GHz to 20GHz
>20
dB
ISOLATION
External Path A or External Path B Selected
(Adjacent RF Channels)
INA or INB to OUTA or OUTB
0.1GHz to 8GHz
55
dB
8GHz to 12GHz
50
dB
12GHz to 20GHz
42
dB
External Path A or External Path B Selected
(Nonadjacent RF Channels)
OUTA or OUTB to RFIN, or INA or INB to RFOUT
0.1GHz to 8GHz
70
dB
8GHz to 12GHz
65
dB
12GHz to 20GHz
55
dB
Through Path
RFIN to OUTA and OUTB, or RFOUT to INA and INB
0.1GHz to 8GHz
60
dB
8GHz to 12GHz
58
dB
12GHz to 20GHz
51
dB
SWITCHING
Rise and Fall Time
(tRISE, tFALL) 90% to 10% of RF output (RFOUT)
20
ns
On Time and Off Time
(tON, tOFF)
50% control voltage (V1 or V2) to 10% to 90% of RFOUT
60
ns
0.1dB RF Settling Time
tSETTLING
50% V1 or V2 to 0.1dB of final RFOUT
110
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com