Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74H1G66 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74H1G66
Description  SINGLE BILATERAL SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74H1G66 Datasheet(HTML) 2 Page - STMicroelectronics

  74H1G66 Datasheet HTML 1Page - STMicroelectronics 74H1G66 Datasheet HTML 2Page - STMicroelectronics 74H1G66 Datasheet HTML 3Page - STMicroelectronics 74H1G66 Datasheet HTML 4Page - STMicroelectronics 74H1G66 Datasheet HTML 5Page - STMicroelectronics 74H1G66 Datasheet HTML 6Page - STMicroelectronics 74H1G66 Datasheet HTML 7Page - STMicroelectronics 74H1G66 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LOGIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
VCC
Supply Voltage
-0.5 to +13
V
VI
DC Input Voltage
-0.5 to VCC +0.5
V
VI/O
DC Input/Output Voltage
-0.5 to VCC + 0.5
V
IIK
Control Input DC Diode Current
± 20
mA
IIOK
Input/Output DC Diode Current
± 20
mA
IO
DC Output Source Sink Current Per Output Pin
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
500 (*)
mW
Tstg
Storage Temperature
-65 to +150
oC
TL
Lead Temperature (10 sec)
300
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
(*) 500mW:
≡ 65 oC derate to 300 mW by10 mW/oC: 65 oCto85 oC
TRUTH TABLE
CONTROL
SWITCH F UNCTIO N
HON
L
OFF
PIN DESCRIPTION
PI N No
SYMBOL
NAME AND FUNCT ION
1
I/O
Independent Input/Output
2
O/I
Independent Output/Input
4
C
Enable Input (Active
HIGH)
3
GND
Ground (0V)
5VCC
Positive Supply Voltage
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Valu e
Uni t
VCC
Supply Voltage
2.0 to 12
V
VI
Input Voltage (Control)
0 to VCC
V
VI/O
Input/Output Voltage
0 to VCC
V
Top
Operating Temperature
-40 to +85
oC
tr,tf
Input Rise and Fall Time
VCC = 2V
0 to 1000
ns
VCC = 4.5V
0 to 500
VCC = 6V
0 to 400
VCC = 10V
0 to 250
74H1G66
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com