Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74H1G66 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74H1G66
Description  SINGLE BILATERAL SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74H1G66 Datasheet(HTML) 3 Page - STMicroelectronics

  74H1G66 Datasheet HTML 1Page - STMicroelectronics 74H1G66 Datasheet HTML 2Page - STMicroelectronics 74H1G66 Datasheet HTML 3Page - STMicroelectronics 74H1G66 Datasheet HTML 4Page - STMicroelectronics 74H1G66 Datasheet HTML 5Page - STMicroelectronics 74H1G66 Datasheet HTML 6Page - STMicroelectronics 74H1G66 Datasheet HTML 7Page - STMicroelectronics 74H1G66 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC SPECIFICATIONS
Symb ol
Parameter
T est Cond ition s
Val ue
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
VIH
High Level Input
Voltage
2.0
1.5
1.5
V
4.5
3.15
3.15
9.0
6.3
6.3
12.0
8.4
8.4
VIL
Low Level Input
Voltage
2.0
0.5
0.5
V
4.5
1.35
1.35
9.0
2.7
2.7
12.0
3.6
3.6
RON
ON Resistance
4.5
VI =VIH
VI/O =VCC to GND
II/O
≤ 1mA
96
170
200
Ω
9.0
55
85
100
12.0
45
80
90
4.5
VI =VIH
VI/O =VCC or GND
II/O
≤ 1mA
70
100
130
9.0
50
75
95
12.0
45
70
90
IOFF
Input/Output Leakage
Current (SWITCH OFF)
12.0
VOS =VCC to GND
VIS =VCC to GND
VI =VIL
±0.1
±1.0
µA
IIZ
Switch Input Leakage
Current (SWITCH ON,
OUTPUT OPEN)
12.0
VOS =VCC to GND
VI =VIH
±0.1
±1.0
µA
IIN
Control Input Current
6.0
VI =VCC to G ND
±0.1
±1.0
µA
ICC
Quiescent Supply
Current
6.0
VI =VCC or GND
110
µA
9.0
4
40
12.0
8
80
74H1G66
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com