Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74H1G66 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74H1G66
Description  SINGLE BILATERAL SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74H1G66 Datasheet(HTML) 1 Page - STMicroelectronics

  74H1G66 Datasheet HTML 1Page - STMicroelectronics 74H1G66 Datasheet HTML 2Page - STMicroelectronics 74H1G66 Datasheet HTML 3Page - STMicroelectronics 74H1G66 Datasheet HTML 4Page - STMicroelectronics 74H1G66 Datasheet HTML 5Page - STMicroelectronics 74H1G66 Datasheet HTML 6Page - STMicroelectronics 74H1G66 Datasheet HTML 7Page - STMicroelectronics 74H1G66 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74H1G66
SINGLE BILATERAL SWITCH
®
February 2000
s
HIGH SPEED: tPD = 4 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1
µA (MAX.) at TA =25 oC
s
HIGH NOISE IMMUNITY:
VNIH =VNIL =28% VCC (MIN.)
s
LOW ”ON” RESISTANCE
RON =50
Ω (TYP.)AT VCC=9V II/O=100µA
s
SINE WAVE DISTORTION
0.042% (TYP.) AT VCC=4V f=1KHz
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 12V
DESCRIPTION
The 74H1G66 is an high-speed CMOS SINGLE
BILATERAL SWITCH fabricated in silicon gate
C
2MOS
technology.
It
has
high
speed
performance combined with true CMOS low
power consumption.
The C input is provided to control the switch; the
switch is ON when the C input is held high and off
when C is held low.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES :
74H1G66S
S
(SOT23-5L)
1/8


Similar Part No. - 74H1G66

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74H1G66 STMICROELECTRONICS-74H1G66 Datasheet
202Kb / 10P
SINGLE BILATERAL SWITCH
Jul-2001
74H1G66STR STMICROELECTRONICS-74H1G66STR Datasheet
202Kb / 10P
SINGLE BILATERAL SWITCH
Jul-2001
74H1G66 STMICROELECTRONICS-74H1G66_01 Datasheet
202Kb / 10P
SINGLE BILATERAL SWITCH
Jul-2001
More results

Similar Description - 74H1G66

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G66 STMICROELECTRONICS-74V1G66 Datasheet
67Kb / 9P
SINGLE BILATERAL SWITCH
Jun-2000
74V1T66 STMICROELECTRONICS-74V1T66 Datasheet
66Kb / 9P
SINGLE BILATERAL SWITCH
Feb-2000
logo
Texas Instruments
SN74AUC1G66 TI-SN74AUC1G66 Datasheet
296Kb / 10P
SINGLE BILATERAL ANALOG SWITCH
logo
STMicroelectronics
74V1G66 STMICROELECTRONICS-74V1G66_04 Datasheet
138Kb / 11P
SINGLE BILATERAL SWITCH
Apr-2004
74H1G66 STMICROELECTRONICS-74H1G66_01 Datasheet
202Kb / 10P
SINGLE BILATERAL SWITCH
Jul-2001
74V1T66 STMICROELECTRONICS-74V1T66_04 Datasheet
138Kb / 11P
SINGLE BILATERAL SWITCH
Apr-2004
74V1G66 STMICROELECTRONICS-74V1G66_08 Datasheet
359Kb / 15P
Single bilateral switch
28-Oct-2008
logo
Texas Instruments
SN74AUC1G66 TI-SN74AUC1G66_09 Datasheet
532Kb / 17P
SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_09 Datasheet
688Kb / 20P
SINGLE BILATERAL ANALOG SWITCH
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
SINGLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com