Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

625 Datasheet(PDF) 1 Page - BlockMaster Electronics, Inc.

Part # 625
Description  Screwless Terminal Blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCKMASTER-ELECTRONICS [BlockMaster Electronics, Inc.]
Direct Link  https://www.blockmaster.com/
Logo BLOCKMASTER-ELECTRONICS - BlockMaster Electronics, Inc.

625 Datasheet(HTML) 1 Page - BlockMaster Electronics, Inc.

  625 Datasheet HTML 1Page - BlockMaster Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BlockMaster Electronics, Inc.
(800)595-8881 www.blockmaster.com
34
625 45o Series
675 Dual Wire Series
5.08mm
5mm
Screwless Terminal Blocks
(02-07)
625
Poles
-
n=number of poles
L=(n-1) x 5.08
Ordering Information
12A 300V
10A 300V
VDE
s
S
N
VDE
s
S
N
L+5.08
5.08
1
1.05
0.5
16.2
10.16
BUTTON
12.5
5.0 3.0
L+5
5.0
0.5
2.0
2 wires per position
Push button
Dimensions
n=number of poles
L=(n-1) x 5
Ordering Information
12.5
5.0 3.0
color options(L to R)
5=green
6=blue
8=light grey(std)
9=white
0=black
1=yellow
2=red
3=orange
4=dark grey
675
(02 to 24)
Poles
-
-
8
x x x...
blank=with button
5=without button
Also available in 7.5mm and 10mm centers.
Electrical
Current:
12A @ 300V
Wire range:
16 to 22 Sol
Wire range:
16 to 20 Str
Wire section(mm2): 0.3 to 1.5mm2
Pin dimension:
0.95mm x 0.5mm
Operating temp:
-40oC to +105oC
Stripping length:
10mm
PCB holes:
min 1.3mm
PCB thickness:
max 2.2mm
Materials
Housing:
Polyamide 6,6
Contact spring:
Stainless steel
Terminal pins:
Brass, silver and tin plated
Colors available:
Green (orange lever)
Features:
*Single mold block
*2 pins per pole for stability
*Angled wire entry for easy access
*2 to 7 poles single mold/ Side stackable
*Push button lever
Specifications
625 Series
Electrical
Current:
10A @ 300V
Wire range:
18 to 24 Sol
Wire range:
18 to 20 Str
Wire section(mm2): 2 x 0.25 to 0.75mm2
Pin dimension:
0.8mm x 0.5mm
Dielectric strength:
4kV
IR:
>5M
Ω (500V DC)
Operating temp:
-40oC to +105oC
Stripping length:
9mm
PCB holes:
min 1.1mm
PCB thickness:
max 2.4mm
Materials
Housing/button:
Polyamide 6,6 (UL94V-0)
Contact spring:
Stainless steel
Terminal pins:
Brass, silver and tin plated
Colors available:
Gray (standard), for others see
how to order
Specifications
675 Dual Series
Features:
*Accepts 2 wires per position (common)
*Available in several colors for coding positions to
wire colors
*Available with or without push button
*1 position modular blocks
*2 pins per pole for stability
12.5
End Cap
1.0
1.0
NEW
NEW
L
5.08
PCB Layout
5
PCB Layout
L
Dimensions


Similar Part No. - 625

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
625 ETC2-625 Datasheet
87Kb / 1P
COMPACT DIGITAL THERMOMETERS & THERMO-HYGROMETERS
logo
Aries Electronics, Inc.
625 ARIES-625 Datasheet
937Kb / 1P
Available in either Screw Machine or Coined Contacts in a Variety of Styles
logo
CTS Corporation
625 CTS-625 Datasheet
201Kb / 3P
Model 625 HCMOS Clock Oscillator
Rev. C
logo
Adafruit Industries
625 ADAFRUIT-625 Datasheet
82Kb / 2P
Electroluminescent (EL) Panel - 10cm x 10cm White
7/27/2015
logo
EDAC, All Rights Reserv...
625-009-262-010 EDAC-625-009-262-010 Datasheet
357Kb / 2P
625 Series D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Plug
More results

Similar Description - 625

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CSTBP254H CAMDENBOSS-CSTBP254H Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP254V CAMDENBOSS-CSTBP254V Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP381 CAMDENBOSS-CSTBP381 Datasheet
344Kb / 1P
3.81mm screwless terminal blocks
CSTBP45VDA CAMDENBOSS-CSTBP45VDA Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP45VDB CAMDENBOSS-CSTBP45VDB Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP500 CAMDENBOSS-CSTBP500 Datasheet
346Kb / 1P
5mm screwless terminal blocks
CSTBP508H CAMDENBOSS-CSTBP508H Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP508V CAMDENBOSS-CSTBP508V Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP762H CAMDENBOSS-CSTBP762H Datasheet
467Kb / 1P
7.62mm screwless terminal blocks
CSTBP762V CAMDENBOSS-CSTBP762V Datasheet
467Kb / 1P
7.62mm screwless terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com