Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLG Datasheet(PDF) 3 Page - Nichicon corporation

Part # LLG
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LLG Datasheet(HTML) 3 Page - Nichicon corporation

  LLG Datasheet HTML 1Page - Nichicon corporation LLG Datasheet HTML 2Page - Nichicon corporation LLG Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
LLG
Dimensions
150
180
220
270
330
390
470
560
680
820
1000
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
22
× 45
25
× 35
30
× 30
22
× 50
25
× 40
30
× 30
35
× 25
25
× 50
30
× 35
35
× 30
30
× 40
35
× 35
30
× 45
35
× 35
35
× 40
35
× 50
1030
1160
1160
1400
1400
1500
1500
1700
1700
1700
1900
1900
1900
1900
2130
2130
2130
2390
2390
2690
2690
2960
3300
0.73
0.80
0.80
0.88
0.88
0.98
0.98
1.08
1.08
1.08
1.18
1.18
1.18
1.18
1.30
1.30
1.30
1.41
1.41
1.56
1.56
1.71
1.89
LLG2G151MELZ25
LLG2G181MELZ30
LLG2G181MELA25
LLG2G221MELZ35
LLG2G221MELA30
LLG2G271MELZ40
LLG2G271MELA35
LLG2G331MELZ45
LLG2G331MELA35
LLG2G331MELB30
LLG2G391MELZ50
LLG2G391MELA40
LLG2G391MELB30
LLG2G391MELC25
LLG2G471MELA50
LLG2G471MELB35
LLG2G471MELC30
LLG2G561MELB40
LLG2G561MELC35
LLG2G681MELB45
LLG2G681MELC35
LLG2G821MELC40
LLG2G102MELC50
400V (2G)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
120
150
180
220
270
330
390
470
560
680
820
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
22
× 45
25
× 40
30
× 30
25
× 45
30
× 35
35
× 30
25
× 50
30
× 35
35
× 30
30
× 40
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
930
1040
1040
1300
1300
1400
1500
1400
1660
1800
1800
1950
1950
1950
2100
2100
2100
2320
2320
2660
2660
2820
3000
0.69
0.77
0.77
0.85
0.85
0.94
0.94
0.94
1.04
1.04
1.04
1.15
1.15
1.15
1.25
1.25
1.25
1.37
1.37
1.50
1.50
1.65
1.82
LLG2W121MELZ25
LLG2W151MELZ30
LLG2W151MELA25
LLG2W181MELZ35
LLG2W181MELA30
LLG2W221MELZ40
LLG2W221MELA35
LLG2W221MELB25
LLG2W271MELZ45
LLG2W271MELA40
LLG2W271MELB30
LLG2W331MELA45
LLG2W331MELB35
LLG2W331MELC30
LLG2W391MELA50
LLG2W391MELB35
LLG2W391MELC30
LLG2W471MELB40
LLG2W471MELC35
LLG2W561MELB50
LLG2W561MELC40
LLG2W681MELC45
LLG2W821MELC50
450V (2W)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated ripple current (mArms) at 85°C 120Hz
Frequency coefficient of rated ripple current
Frequency (Hz)
160 to 250V
400 • 450V
50
60
120
300
1k
10k 50k or more
0.81
0.85
1.00
1.17
1.32
1.45
1.50
0.77
0.82
1.00
1.16
1.30
1.41
1.43



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com