Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLG Datasheet(PDF) 2 Page - Nichicon corporation

Part # LLG
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LLG Datasheet(HTML) 2 Page - Nichicon corporation

  LLG Datasheet HTML 1Page - Nichicon corporation LLG Datasheet HTML 2Page - Nichicon corporation LLG Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
LLG
Dimensions
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
22
× 25
22
× 30
22
× 35
25
× 25
22
× 40
25
× 30
22
× 40
25
× 35
30
× 25
22
× 50
25
× 40
30
× 30
35
× 25
25
× 45
30
× 35
35
× 30
30
× 40
35
× 35
30
× 45
35
× 40
35
× 45
35
× 50
2250
2500
2750
2520
3000
3000
3050
3250
3050
3400
3400
3400
3400
3800
4200
4100
4450
4780
4900
5450
5750
6000
0.89
0.98
1.08
1.08
1.20
1.20
1.31
1.31
1.31
1.46
1.46
1.46
1.46
1.60
1.60
1.60
1.77
1.77
1.97
1.97
2.17
2.36
LLG2C561MELZ25
LLG2C681MELZ30
LLG2C821MELZ35
LLG2C821MELA25
LLG2C102MELZ40
LLG2C102MELA30
LLG2C122MELZ40
LLG2C122MELA35
LLG2C122MELB25
LLG2C152MELZ50
LLG2C152MELA40
LLG2C152MELB30
LLG2C152MELC25
LLG2C182MELA45
LLG2C182MELB35
LLG2C182MELC30
LLG2C222MELB40
LLG2C222MELC35
LLG2C272MELB45
LLG2C272MELC40
LLG2C332MELC45
LLG2C392MELC50
160V (2C)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
560
680
820
1000
1200
1500
1800
2200
2700
3300
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
22
× 45
25
× 40
30
× 30
35
× 25
25
× 45
30
× 35
35
× 30
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
1800
1900
2100
2450
2400
2800
2700
2650
2900
3000
3000
3000
3300
3300
3300
3600
3600
3400
4300
4300
4700
4700
5000
0.95
1.04
1.04
1.15
1.15
1.27
1.27
1.27
1.39
1.39
1.39
1.39
1.55
1.55
1.55
1.70
1.70
1.70
1.88
1.88
2.09
2.09
2.31
LLG2Z561MELZ25
LLG2Z681MELZ30
LLG2Z681MELA25
LLG2Z821MELZ35
LLG2Z821MELA30
LLG2Z102MELZ40
LLG2Z102MELA35
LLG2Z102MELB25
LLG2Z122MELZ45
LLG2Z122MELA40
LLG2Z122MELB30
LLG2Z122MELC25
LLG2Z152MELA45
LLG2Z152MELB35
LLG2Z152MELC30
LLG2Z182MELA50
LLG2Z182MELB40
LLG2Z182MELC30
LLG2Z222MELB45
LLG2Z222MELC35
LLG2Z272MELB50
LLG2Z272MELC40
LLG2Z332MELC45
180V (2Z)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 30
22
× 45
25
× 35
30
× 30
22
× 50
25
× 40
30
× 30
35
× 25
25
× 50
30
× 35
35
× 30
30
× 40
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
1430
2070
2070
2280
2280
2490
2340
2550
2550
2760
2810
2810
2810
2810
3290
2980
3290
3320
3670
4180
4180
4340
4420
0.91
1.00
1.00
1.10
1.10
1.21
1.21
1.34
1.34
1.34
1.46
1.46
1.46
1.46
1.64
1.64
1.64
1.80
1.80
1.98
1.98
2.20
2.43
LLG2D471MELZ25
LLG2D561MELZ30
LLG2D561MELA25
LLG2D681MELZ35
LLG2D681MELA30
LLG2D821MELZ40
LLG2D821MELA30
LLG2D102MELZ45
LLG2D102MELA35
LLG2D102MELB30
LLG2D122MELZ50
LLG2D122MELA40
LLG2D122MELB30
LLG2D122MELC25
LLG2D152MELA50
LLG2D152MELB35
LLG2D152MELC30
LLG2D182MELB40
LLG2D182MELC35
LLG2D222MELB50
LLG2D222MELC40
LLG2D272MELC45
LLG2D332MELC50
200V (2D)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
330
390
470
560
680
820
1000
1200
1500
1800
2200
22
× 25
22
× 30
25
× 25
22
× 40
25
× 30
22
× 45
25
× 35
30
× 25
25
× 40
30
× 30
35
× 25
25
× 50
30
× 35
35
× 30
30
× 40
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
1300
1910
2000
2250
2250
2500
2500
2500
2770
2770
2770
3320
3320
3320
3840
3840
4250
4250
4550
4750
0.86
0.93
1.02
1.12
1.12
1.23
1.23
1.23
1.35
1.35
1.35
1.50
1.50
1.50
1.64
1.64
1.83
1.83
2.01
2.22
LLG2E331MELZ25
LLG2E391MELZ30
LLG2E471MELA25
LLG2E561MELZ40
LLG2E561MELA30
LLG2E681MELZ45
LLG2E681MELA35
LLG2E681MELB25
LLG2E821MELA40
LLG2E821MELB30
LLG2E821MELC25
LLG2E102MELA50
LLG2E102MELB35
LLG2E102MELC30
LLG2E122MELB40
LLG2E122MELC35
LLG2E152MELB50
LLG2E152MELC40
LLG2E182MELC45
LLG2E222MELC50
250V (2E)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated ripple current (mArms) at 85°C 120Hz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com