Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLG Datasheet(PDF) 1 Page - Nichicon corporation

Part # LLG
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LLG Datasheet(HTML) 1 Page - Nichicon corporation

  LLG Datasheet HTML 1Page - Nichicon corporation LLG Datasheet HTML 2Page - Nichicon corporation LLG Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus
rated ripple current is applied for 2000 hours at 85°C,
the peak voltage shall not exceed the rated voltage.
After storing the capacitors under no load at 85°C
for 1000 hours and then performing voltage treatment
based on JIS C 5101-4 clause 4.1 at 20°C, they shall
meet the characteristic requirements listed at right.
Capacitance change
Leakage current
tan δ
Within ± 20% of the initial capacitance value
200% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
Leakage current
tan δ
Within ± 20% of the initial capacitance value
200% or less than the initial specified value
Less than or equal to the initial specified value
Stability at Low Temperature
Tangent of loss angle (tan δ)
Endurance
–
40 to + 85°C (160 to 250V), – 25 to + 85°C (400 to 450V)
Category Temperature Range
LLG Snap-inTerminalType,85°CSmaller-Sized
One rank smaller case sized than LLS.
Suited for equipment down sizing.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
Specifications
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Marking
Printed with white color letter on black sleeve.
160 to 450V
120 to 3900µF
± 20% at 120Hz, 20°C
I
(µA) (After 5 minutes' application of rated voltage at 20°C) [C : Rated Capacitance (µF) V : Voltage (V)]
Measurement frequency : 120Hz
400 • 450
8
Z(– 25°C) / Z(+20°C)
Rated voltage (V)
Impedance ratio
(max.)
160 to 250
4
(PC board hole dimensions)
(Terminal dimensions)
10±0
.1
2
×φ2±0.1
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8+0.2
-0.1
Polarity bar
(10
)
L±2
4.0±0.5
Pressure relief vent
L
1
L
2
G
3
2
4
G
5
1
6
8
7
1
8
M
9
E
10
L
11
A
12
2
13
5
14
Configuration
Case length code
Case dia.code
Capacitance tolerane (20%)
Rated capacitance (180F)
Rated voltage (400V)
Series name
Type
φD
22
25
30
Code
Z
A
B
35
C
Sleeve (PET)
Drawing
Dimension table in next page.
Type numbering system ( Example
: 400V 180µF )
(PC board hole dimensions)
(Terminal dimensions)
100
.1
2-2φ±0.1
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8+0.2
-0.1
Polarity bar
10
L2
4.00.5
Pressure relief vent
L
1
L
2
G
3
2
4
G
5
1
6
8
7
1
8
M
9
E
10
L
11
A
12
2
13
5
14
Configuration
Case length code
Case dia.code
Capacitance tolerance (±20%)
Rated capacitance (180µF)
Rated voltage (400V)
Series name
Type
φD
22
25
30
Code
Z
A
B
35
C
Sleeve (P.E.T.)
LLS
Smaller
LLG
Item
Performance Characteristics
Shelf Life
3 CV
3 CV
3 CV
Measurement frequency : 120Hz at 20°C
Rated voltage (V)
tan δ (max.)
160 to 400
0.15
450
0.20
Other terminations available upon request.
Please refer to the Guidelines for Aluminum Electrolytic Capacitors.


Similar Part No. - LLG

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LLG2C102MELA30 NICHICON-LLG2C102MELA30 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C102MELZ40 NICHICON-LLG2C102MELZ40 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C122MELA35 NICHICON-LLG2C122MELA35 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C122MELB25 NICHICON-LLG2C122MELB25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C122MELZ40 NICHICON-LLG2C122MELZ40 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LLG

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com