Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH04040WAS Datasheet(PDF) 2 Page - Texas Instruments

Part # PTH04040WAS
Description  60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH04040WAS Datasheet(HTML) 2 Page - Texas Instruments

  PTH04040WAS Datasheet HTML 1Page - Texas Instruments PTH04040WAS Datasheet HTML 2Page - Texas Instruments PTH04040WAS Datasheet HTML 3Page - Texas Instruments PTH04040WAS Datasheet HTML 4Page - Texas Instruments PTH04040WAS Datasheet HTML 5Page - Texas Instruments PTH04040WAS Datasheet HTML 6Page - Texas Instruments PTH04040WAS Datasheet HTML 7Page - Texas Instruments PTH04040WAS Datasheet HTML 8Page - Texas Instruments PTH04040WAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
PTH04040W
19
20
18
Margin
Down
Track
Margin
Up
12
15
9
14
11
+
+
+
1
3
5
10
13
16
17
UVLO
4
6
2
8
Inhibit
GND
GND
VoAdj
−Sense
Vo
+Sense
UDG−05085
A
B
C
C
VO
CO1
330
µF
CO2
330
µF
RSET
1%
0.05 W
CI
1000
µF
(Required)
VI
VI
7
PTH04040W
SLTS238C – SEPTEMBER 2005 – REVISED JUNE 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
STANDARD APPLICATION
A.
For CI, a minimum of 1,000 mF (or 2 × 470 mF) of input capacitance is required for proper operation.
B.
RSET is required to set the desired output voltage from the module higher than the minimum value.
C.
For CO1 and CO2, a minimum of 660 mF (or 2 × 330 mF) of output capacitance is required for load transient
regulation.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
UNIT
Signal input voltages
Track control (pin 18)
–0.3 V to VI + 0.3 V
TA
Operating temperature range over VI range
–40°C to 85°C
Wave solder
Surface temperature of module body or pins
PTH04040WAH
Twave
260°C (1)
temperature
(5 seconds)
PTH04040WAD
PTH04040WAS
235°C (1)
Solder reflow
Treflow
Surface temperature of module body or pins
temperature
PTH04040WAZ
260°C (1)
TS
Storage temperature
–55°C to 125°C
Mechanical shock
Per Mil-STD-883D, Method 2002.3, 1 msec, ½ Sine, mounted
500 G(2)
Mechanical vibration
Mil-STD-883D, Method 2007.2, 20–2000 Hz
10 G(2)
Weight
22.5 grams
Flammability
Meets UL94V-O
(1)
During soldering of package version, do not elevate peak temperature of the module, pins or internal components above the stated
maximum.
(2)
Qualification limits
2
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): PTH04040W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com