Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH04040WAS Datasheet(PDF) 4 Page - Texas Instruments

Part # PTH04040WAS
Description  60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH04040WAS Datasheet(HTML) 4 Page - Texas Instruments

  PTH04040WAS Datasheet HTML 1Page - Texas Instruments PTH04040WAS Datasheet HTML 2Page - Texas Instruments PTH04040WAS Datasheet HTML 3Page - Texas Instruments PTH04040WAS Datasheet HTML 4Page - Texas Instruments PTH04040WAS Datasheet HTML 5Page - Texas Instruments PTH04040WAS Datasheet HTML 6Page - Texas Instruments PTH04040WAS Datasheet HTML 7Page - Texas Instruments PTH04040WAS Datasheet HTML 8Page - Texas Instruments PTH04040WAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
PTH04040W
SLTS238C – SEPTEMBER 2005 – REVISED JUNE 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TA = 25°C, VI = 5 V, VO = 2.5 V, CI = 1000 µF, CO = 660 µF, and IO = IOmax (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CI
External input capacitance
940(8)
µF
Nonceramic
660(9)
14000(10)
Capacitance value
µF
CO
External output capacitance
Ceramic
400
Equivalent series resistance (nonceramic)
2(11)
m
Ω
2.1
MTBF
Reliability
Per Bellcore TR-332 50% stress, TA = 40°C, ground benign
106Hrs
(8)
A minimum capacitance of 940 mF is required at the input for proper operation. The capacitance must be rated for a minimum of
400 mArms of ripple current.
(9)
660 mF of output capacitance is required for proper operation. Additional capacitance at the load will improve transient response.
(10) This is the calculated maximum. The minimum ESR requirement often results in a lower value. See the Capacitor Application
Information section for further guidance.
(11) This is the typical ESR for all the electrolytic (nonceramic) output capacitance. Use 4 m
Ω as the minimum when using max-ESR values
to calculate.
4
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): PTH04040W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com