Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH04040WAS Datasheet(PDF) 8 Page - Texas Instruments

Part # PTH04040WAS
Description  60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH04040WAS Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTH04040WAS Datasheet HTML 4Page - Texas Instruments PTH04040WAS Datasheet HTML 5Page - Texas Instruments PTH04040WAS Datasheet HTML 6Page - Texas Instruments PTH04040WAS Datasheet HTML 7Page - Texas Instruments PTH04040WAS Datasheet HTML 8Page - Texas Instruments PTH04040WAS Datasheet HTML 9Page - Texas Instruments PTH04040WAS Datasheet HTML 10Page - Texas Instruments PTH04040WAS Datasheet HTML 11Page - Texas Instruments PTH04040WAS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
PTH04040W
SLTS238C – SEPTEMBER 2005 – REVISED JUNE 2010
www.ti.com
APPLICATION INFORMATION
CAPACITOR RECOMMENDATIONS FOR THE PTH04040W POWER MODULE
The PTH04040W uses state-of-the-art multi-phase power converter topology that employs multiple parallel
switching and filter inductor paths between the input and output capacitors. The PTH04040W uses three
switching paths. The three paths share the total load current, operate at the same frequency, and are evenly
displaced in phase. With multiple switching paths the transient output current capability is significantly increased.
This reduces the amount of external output capacitance required to support a load transient. The ripple current,
as seen by the input and output capacitors, is reduced in magnitude and effectively tripled in frequency.
INPUT CAPACITOR
The improved transient response of a multi-phase converter places a bigger burden on the transient capability of
the input source. The size and value of the input capacitor is therefore determined by this converter’s transient
performance capability. The minimum amount of input capacitance required is 940 mF (2 × 470 mF or
3 × 330 mF), with an RMS ripple current rating of 400 mA. This minimum value assumes that the converter is
supplied with a responsive, low-inductance input source. This source should have ample capacitive decoupling
and be distributed the converter via PCB power and ground planes. For high performance applications, or
wherever the transient capability of the input source is limited, 2,200 mF of input capacitance is recommended.
Ripple current and less than 100 m
Ω equivalent series resistance (ESR) values are the major considerations,
along with temperature, when designing with different types of capacitors. Unlike polymer tantalum, conventional
tantalum capacitors have a recommended minimum voltage rating of 2 × (maximum dc voltage + ac ripple). This
is standard practice to ensure reliability.
For improved ripple reduction on the input bus, ceramic capacitors may be used to complement electrolytic types
and achieve the minimum required capacitance.
OUTPUT CAPACITORS RECOMMENDED
In order to respond with load transients (sudden changes in load current) the regulator requires external output
capacitance. The minimum output capacitance is 660 mF (2 × 330 mF or 1 × 680 mF) with an ESR of at least
2 m
Ω. This output capacitance is required for the module to meet its transient response specification. For most
applications, a high quality computer grade aluminum electrolytic capacitor is suitable. These capacitors provide
adequate decoupling over the frequency range, 2 kHz to 150 kHz, and when ambient temperatures are above
0°C. For operation below 0°C, tantalum, ceramic, or Os-Con type capacitors are recommended.
When using one or more nonceramic capacitors, the calculated equivalent ESR should be no lower than 4 m
Ω
7 m
Ω using the manufacturer’s maximum ESR for a single capacitor. A list of preferred low-ESR type capacitors
are identified in Table 1.
CERAMIC CAPACITORS
Above 150 kHz, the performance of aluminum electrolytic capacitors becomes less effective. To further improve,
the reflected input ripple current or the output transient response, multilayer ceramic capacitors can also be
added. Ceramic capacitors have very low ESR and their resonant frequency is higher than the bandwidth of the
regulator. When used on the output their combined ESR is not critical as long as the total value of ceramic
capacitance does not exceed 300 mF. Also, to prevent the formation of local resonances, do not place more than
five identical ceramic capacitors in parallel with values of 10 mF or greater.
TANTALUM CAPACITORS
Tantalum type capacitors can be used at both the input and output, and are recommended for applications where
the ambient operating temperature can be less than 0°C. The AVX TPS, Sprague 593D/594/595, and Kemet
T495/ T510 capacitor series are suggested over many other tantalum types due to their higher rated surge,
power dissipation, and ripple current capability. As a caution, many general-purpose tantalum capacitors have
considerably higher ESR, reduced power dissipation and lower ripple current capability. These capacitors are
also less reliable when determining their power dissipation and surge current capability. Tantalum capacitors that
do not have a stated ESR or surge current rating are not recommended for power applications. When specifying
Os-Con and polymer tantalum capacitors for the output, the minimum ESR limit is encountered before the
maximum capacitance value is reached.
8
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): PTH04040W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com