Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12000LAH.B Datasheet(PDF) 4 Page - Texas Instruments

Part # PTH12000LAH.B
Description  6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH12000LAH.B Datasheet(HTML) 4 Page - Texas Instruments

  PTH12000LAH.B Datasheet HTML 1Page - Texas Instruments PTH12000LAH.B Datasheet HTML 2Page - Texas Instruments PTH12000LAH.B Datasheet HTML 3Page - Texas Instruments PTH12000LAH.B Datasheet HTML 4Page - Texas Instruments PTH12000LAH.B Datasheet HTML 5Page - Texas Instruments PTH12000LAH.B Datasheet HTML 6Page - Texas Instruments PTH12000LAH.B Datasheet HTML 7Page - Texas Instruments PTH12000LAH.B Datasheet HTML 8Page - Texas Instruments PTH12000LAH.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
For technical support and further information visit http://power.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures. Derating limits apply to
modules soldered directly to a 4 in.
× 4 in. double-sided PCB with 1 oz. copper.
Typical Characteristics
PTH12000W Characteristic Data; Vin =12 V (See Note A)
Efficiency vs Output Current
Power Dissipation vs Output Current
20
30
40
50
60
70
80
90
0
123456
Iout (A)
400LFM
200LFM
100LFM
Nat conv
Airflow
PTH12000W Safe Operating Area; Vin =12 V (See Note B)
Output Voltage =3.3 V
20
30
40
50
60
70
80
90
01
23
45
6
Iout (A)
100LFM
Nat conv
Airflow
Output Voltage
≤1.8 V
50
60
70
80
90
100
012
3456
Iout -(A)
5.0 V
3.3 V
2.5 V
1.8 V
1.2 V
V
OUT
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0123456
Iout - Amps
5.0 V
3.3 V
2.5 V
1.8 V
1.2 V
V
OUT
6-A, 12-V Input Non-Isolated
Wide-Output Adjust Power Module
SLTS202E– MAY 2003 – REVISED NOVENBER 2007
PTH12000W — 12-V Input
0
20
40
60
80
100
0123456
Iout (A)
5.0 V
3.3 V
2.5 V
1.8 V
1.2 V
V
OUT
Output Ripple vs Load Current (See Note 3 to Table)
Output Voltage =5 V
20
30
40
50
60
70
80
90
0
1
23
45
6
Io ut (A )
400LFM
200LFM
100LFM
Nat c onv
Ai r f l ow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com