Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12000LAH.B Datasheet(PDF) 12 Page - Texas Instruments

Part # PTH12000LAH.B
Description  6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH12000LAH.B Datasheet(HTML) 12 Page - Texas Instruments

Back Button PTH12000LAH.B Datasheet HTML 8Page - Texas Instruments PTH12000LAH.B Datasheet HTML 9Page - Texas Instruments PTH12000LAH.B Datasheet HTML 10Page - Texas Instruments PTH12000LAH.B Datasheet HTML 11Page - Texas Instruments PTH12000LAH.B Datasheet HTML 12Page - Texas Instruments PTH12000LAH.B Datasheet HTML 13Page - Texas Instruments PTH12000LAH.B Datasheet HTML 14Page - Texas Instruments PTH12000LAH.B Datasheet HTML 15Page - Texas Instruments PTH12000LAH.B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Application Notes
For technical support and further information visit http://power.ti.com
Pre-Bias Startup Capability
The capability to start up into an output pre-bias condi-
tion is now a feature of the PTH12000 series of modules.
(Note: This is a feature enhancement for the the W-suffix
version; see note 1).
A pre-bias startup condition occurs as a result of an external
voltage being present at the output of a power module prior
to its output becoming active. This often occurs in com-
plex digital systems when current from another power
source is backfed through a dual-supply logic component,
such as an FPGA or ASIC. Another path might be via
clamp diodes, sometimes used as part of a dual-supply
power-up sequencing arrangement. A prebias can cause
problems with power modules that incorporate synchro-
nous rectifiers. This is because under most operating
conditions, such modules can sink as well as source output
current. The PTH12000x series of modules incorporate
synchronous rectifiers, but will not sink current during
startup, or whenever the Inhibit pin is held low. Startup
includes an initial delay (approx. 8 - 15 ms), followed by
the rise of the output voltage under the control of the
module’s internal soft-start mechanism; see Figure 3-1.
Conditions for Pre-Bias Holdoff
In order for the module to allow an output pre-bias voltage
to exist (and not sink current), certain conditions must be
maintained. The module holds off a pre-bias voltage when
the Inhibit pin is held low, and whenver the output is
allowed to rise under soft-start control. Power up under
soft-start control occurs upon the removal of the ground
signal to the Inhibit pin (with input voltage applied), or
when input power is applied. To further ensure that the
regulator doesn’t sink output current, (even with a ground
signal applied to its Inhibit), the input voltage must always
be greater than the applied pre-bias source. This condi-
tion must exist throughout the power-up sequence 3.
The soft-start period is complete when the output begins
rising above the pre-bias voltage. Once it is complete the
module functions as normal, and will sink current if a
voltage higher than the nominal regulation value is applied
to its output.
Note: If a pre-bias condition is not present, the soft-start period
will be complete when the output voltage has risen to either
the set-point voltage.
Demonstration Circuit
The circuit shown in Figure 3-4 is a demonstrates the
pre-bias startup feature. Figure 3-5 shows the startup
waveforms. The initial rise in Vo2 is the pre-bias volt-
age, which is passed from the VCCIO to the VCORE
voltage rail through the ASIC. Note that the output cur-
rent from the PTH12000L module (Io2) is negligible
until its output voltage rises above the applied pre-bias.
Figure 3–4; Application Circuit Demonstrating Pre-Bias Startup
Vo2 = 1.8 V
VIN = 12 V
R2
130
ASIC
VCORE
VCCIO
Io2
+
Vo1 = 3.3 V
R1
2k
C2
330 µF
+
C1
330 µF
+
PTH12020W
7
10
4
5
6
2
3
98
Track
VIN
VO
GND
Inhibit
1
Up
Dn
Sense
Adjust
C3
330 µF
+
TL7702B
VCC
GND
SENSE
RESIN
REF
CT
RESET
RESET
8
7
2
1
3
5
6
4
C6
0.68 µF
C4
330 µF
+
R3
11k0
R4
100k
C5
0.1 µF
R5
10k0
PTH12000L
14
5
2
3
VIN
VO
GND
Inh
Adj
PTH12000 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com