Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12000LAH.B Datasheet(PDF) 13 Page - Texas Instruments

Part # PTH12000LAH.B
Description  6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH12000LAH.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button PTH12000LAH.B Datasheet HTML 9Page - Texas Instruments PTH12000LAH.B Datasheet HTML 10Page - Texas Instruments PTH12000LAH.B Datasheet HTML 11Page - Texas Instruments PTH12000LAH.B Datasheet HTML 12Page - Texas Instruments PTH12000LAH.B Datasheet HTML 13Page - Texas Instruments PTH12000LAH.B Datasheet HTML 14Page - Texas Instruments PTH12000LAH.B Datasheet HTML 15Page - Texas Instruments PTH12000LAH.B Datasheet HTML 16Page - Texas Instruments PTH12000LAH.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Application Notes
For technical support and further information visit http://power.ti.com
Notes
1. Output pre-bias holdoff has now been incorporated into
the W-suffix modules (PTH12000W), with a production
lot date code of “0423” or later.
2. To further ensure that the regulator’s output does not sink
current when power is first applied (even with a ground
signal applied to the Inhibit control pin), the input voltage
must always be greater than the applied pre-bias source.
This condition must exist throughout the power-up
sequence of the power system.
Figure 3–5; Pre-Bias Startup Waveforms
Vo (1 V/Div)
1
Vo (1 V/Div)
2
Io (2 A/Div)
2
HORIZ SCALE: 5 ms/Div
Hold-off
Period
PTH12000 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com