Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF37S114HTFJB Datasheet(PDF) 3 Page - Texas Instruments

Part # RF37S114HTFJB
Description  RF37S114 Tag-it™ HF-I Type 5 NFC, ISO/IEC 15693 Transponder, 4 mm × 4 mm
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF37S114HTFJB Datasheet(HTML) 3 Page - Texas Instruments

  RF37S114HTFJB Datasheet HTML 1Page - Texas Instruments RF37S114HTFJB Datasheet HTML 2Page - Texas Instruments RF37S114HTFJB Datasheet HTML 3Page - Texas Instruments RF37S114HTFJB Datasheet HTML 4Page - Texas Instruments RF37S114HTFJB Datasheet HTML 5Page - Texas Instruments RF37S114HTFJB Datasheet HTML 6Page - Texas Instruments RF37S114HTFJB Datasheet HTML 7Page - Texas Instruments RF37S114HTFJB Datasheet HTML 8Page - Texas Instruments RF37S114HTFJB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
RF37S114
www.ti.com
SCBS907 – NOVEMBER 2015
Submit Documentation Feedback
Product Folder Links: RF37S114
Specifications
Copyright © 2015, Texas Instruments Incorporated
3
Specifications
3.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
TA
Operating temperature
–25
70
°C
TSTG
Storage temperature
–40
85
°C
3.2
ESD Ratings
Device is fully encapsulated and protected. No ESD classification applies.
3.3
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
TA
Operating temperature
–25
70
°C
3.4
Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
RF37S114HTFJB
Supported standard
ISO/IEC 15693-2, ISO/IEC 15693-3, ISO/IEC 18000-3
Recommended operating frequency
13.56 MHz
Typical read activation field strength (at 25°C)
136.0 dBµA/m
Typical write activation field strength (at 25°C)
136.0 dBµA/m
Factory programmed read-only number
64 bits
Memory (user programmable)
256 bits organized in eight 32-bit blocks
Typical programming cycles (at 25°C)
100000
Data retention time (at 55°C)
>10 years
Simultaneous identification of tags
Up to 50 tags per second (reader and antenna dependent)
3.5
Physical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
RF37S114HTFJB
Dimensions
4 mm × 4 mm × 0.66 mm ±0.1 mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com