Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF37S114HTFJB Datasheet(PDF) 5 Page - Texas Instruments

Part # RF37S114HTFJB
Description  RF37S114 Tag-it™ HF-I Type 5 NFC, ISO/IEC 15693 Transponder, 4 mm × 4 mm
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF37S114HTFJB Datasheet(HTML) 5 Page - Texas Instruments

  RF37S114HTFJB Datasheet HTML 1Page - Texas Instruments RF37S114HTFJB Datasheet HTML 2Page - Texas Instruments RF37S114HTFJB Datasheet HTML 3Page - Texas Instruments RF37S114HTFJB Datasheet HTML 4Page - Texas Instruments RF37S114HTFJB Datasheet HTML 5Page - Texas Instruments RF37S114HTFJB Datasheet HTML 6Page - Texas Instruments RF37S114HTFJB Datasheet HTML 7Page - Texas Instruments RF37S114HTFJB Datasheet HTML 8Page - Texas Instruments RF37S114HTFJB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
RF37S114
www.ti.com
SCBS907 – NOVEMBER 2015
Submit Documentation Feedback
Product Folder Links: RF37S114
Device and Documentation Support
Copyright © 2015, Texas Instruments Incorporated
5
Device and Documentation Support
5.1
Device Support
5.1.1
Development Support
5.1.1.1
Getting Started and Next Steps
RFID products from TI provide the ultimate solution for a wide range of applications. With its patented
HDX technology, TI RFID offers unmatched performance in read range, read rate, and robustness. TI
offers one-stop-shopping of transponders, inlays, reader modules, and reader ICs. For more information,
see the Overview for NFC / RFID page.
5.1.2
Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of
devices. Each commercial family member has one of three prefixes: x, p, or no prefix (for example,
xRF37S114HTFJB).These
prefixes
represent
evolutionary
stages
of
product
development
from
engineering prototypes (with prefix x) through fully qualified production devices (with no prefix).
Device development evolutionary flow:
xRF... – Experimental device that is not necessarily representative of the electrical specifications of the
final device
pRF... – Final device that conforms to the electrical specifications of the final product but has not
completed quality and reliability verification
RF... – Fully qualified production device
Devices with a prefix of x or p are shipped against the following disclaimer:
"Developmental product is intended for internal evaluation purposes."
Production devices have been characterized fully, and the quality and reliability of the device have been
demonstrated fully. TI's standard warranty applies.
Predictions show that prototype devices have a greater failure rate than the standard production devices.
TI recommends that these devices not be used in any production system because their expected end-use
failure rate still is undefined. Only qualified production devices are to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, TEL) and, optionally, the temperature range (for example, T). Figure 5-1
provides a legend for reading the complete device name for any family member.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com