Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF37S114HTFJB Datasheet(PDF) 1 Page - Texas Instruments

Part # RF37S114HTFJB
Description  RF37S114 Tag-it™ HF-I Type 5 NFC, ISO/IEC 15693 Transponder, 4 mm × 4 mm
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF37S114HTFJB Datasheet(HTML) 1 Page - Texas Instruments

  RF37S114HTFJB Datasheet HTML 1Page - Texas Instruments RF37S114HTFJB Datasheet HTML 2Page - Texas Instruments RF37S114HTFJB Datasheet HTML 3Page - Texas Instruments RF37S114HTFJB Datasheet HTML 4Page - Texas Instruments RF37S114HTFJB Datasheet HTML 5Page - Texas Instruments RF37S114HTFJB Datasheet HTML 6Page - Texas Instruments RF37S114HTFJB Datasheet HTML 7Page - Texas Instruments RF37S114HTFJB Datasheet HTML 8Page - Texas Instruments RF37S114HTFJB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
RF37S114
SCBS907 – NOVEMBER 2015
RF37S114 Tag-it™ HF-I Type 5 NFC, ISO/IEC 15693 Transponder, 4 mm × 4 mm
1
Device Overview
1
1.1
Features
1
• ISO/IEC 15693-2, ISO/IEC 15693-3,
ISO/IEC 18000
‑3, NFC Tag Type 5
• Integrated Antenna
• 13.56-MHz Operating Frequency
• 256-Bit User Memory in Eight 32-Bit Blocks
• Application Family Identifier (AFI)
• Fast Simultaneous Identification (Anticollision)
1.2
Applications
•
Product Authentication
•
Supply Chain Management
•
Asset Management
•
Medical
1.3
Description
The TI Tag-it™ HF-I Type 5 NFC transponder is compliant with the ISO/IEC 15693 and ISO/IEC 18000-3
global open standards. This product offers a user-accessible memory of 256 bits, organized in 8 blocks,
and an optimized command set. This transponder product comes with an integrated antenna and,
therefore, is ready for application without the need for an external antenna.
(1)
For the most current device, package, and ordering information, see the Package Option Addendum in
Section 6.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE
RF37S114HTFJB
RFIDP (0)
4 mm × 4 mm x 0.66 mm
Figure 1-1 shows the transponder.
Figure 1-1. RF37S114HTFJB Transponder


Similar Part No. - RF37S114HTFJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RF37S114HTFJB TI1-RF37S114HTFJB Datasheet
263Kb / 10P
RF37S114 Tag-it??HF-I Type 5 NFC, ISO/IEC 15693 Transponder, 4 mm 횞 4 mm
More results

Similar Description - RF37S114HTFJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-I02-112A TI-RI-I02-112A Datasheet
189Kb / 2P
Tag-it HF-I Transponder Inlay
RI-I16-112A-03 TI-RI-I16-112A-03 Datasheet
79Kb / 4P
Tag-it??HF-I PLUS TRANSPONDER INLAYS 24.2-mm CIRCULAR
RI-I16-114A-01 TI-RI-I16-114A-01 Datasheet
44Kb / 3P
Tag-it??HF-I STANDARD TRANSPONDER INLAYS 24.2-mm CIRCULAR
RI-I16-114A-S1 TI-RI-I16-114A-S1 Datasheet
72Kb / 4P
Tag-it??HF-I PRO TRANSPONDER INLAYS 24.2-mm CIRCULAR
RI-I16-112A-03 TI-RI-I16-112A-03_10 Datasheet
103Kb / 4P
Tag-it??HF-I PLUS TRANSPONDER INLAYS 24.2-mm CIRCULAR
RI-I16-114A-01 TI-RI-I16-114A-01_11 Datasheet
149Kb / 5P
Tag-it??HF-I STANDARD TRANSPONDER INLAYS 24.2-mm CIRCULAR
RI-I16-114A-S1 TI-RI-I16-114A-S1_11 Datasheet
152Kb / 5P
Tag-it??HF-I PRO TRANSPONDER INLAYS 24.2-mm CIRCULAR
RF-HDT-AJLC TI-RF-HDT-AJLC Datasheet
811Kb / 30P
Tag-it HF-I Plus Transponder IC
RF37S114 TI1-RF37S114 Datasheet
263Kb / 10P
RF37S114 Tag-it??HF-I Type 5 NFC, ISO/IEC 15693 Transponder, 4 mm 횞 4 mm
RF-HDT-WNMC TI1-RF-HDT-WNMC Datasheet
811Kb / 30P
Tag-it HF-I Plus Transponder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com