Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

111 Datasheet(PDF) 4 Page - Copyright Pickering Electronics Ltd

Part # 111
Description  Pico SIL/SIP Reed Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKERING [Copyright Pickering Electronics Ltd]
Direct Link  https://www.pickeringrelay.com/
Logo PICKERING - Copyright Pickering Electronics Ltd

111 Datasheet(HTML) 4 Page - Copyright Pickering Electronics Ltd

  111 Datasheet HTML 1Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 2Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 3Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 4Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 5Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 6Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 7Page - Copyright Pickering Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Pico SIL/SIP Reed Relays – Series 111
pickering
relay.com
Specification
1 Form A
0.145 (3.7)
Pin 1
0.125
(3.2)
0.26
(6.6)
0.39 (10)
0.1 (2.54)
Pin spacing
0.02
(0.5)
0.02
(0.5)
0.01
(0.25)
1
2
3
4
+
PICKERING
111P-1-A-5/1D
Spot indicates Pin 1
1 Form A
0.145 (3.7)
Pin 1
0.125
(3.2)
0.26
(6.6)
0.39 (10)
0.1 (2.54)
Pin spacing
0.02
(0.5)
0.02
(0.5)
0.01
(0.25)
1
2
3
4
+
PICKERING
Pico-SIL RELAY
1 Form A
Coaxial
0.145 (3.7)
Pin 1
0.125
(3.2)
0.26
(6.6)
0.39 (10)
0.06 (1.5)
Pin spacing
0.02
(0.5)
0.02
(0.5)
0.01
(0.25)
PICKERING
Pico-SIL RELAY
1
3 4
6
+
2
5
1
Package Type
Weight: Typical 0.51 g
Mu-metal
3
Package Type
Weight: Typical 0.56 g
Mu-metal
2
Package Type
Weight: Typical 0.44 g
Plastic with Internal
Mu-metal Screen
Pin Configuration, Weights and Dimensional Data (dimensions in inches, millimeters in brackets)
Important: Where the optional internal diode is fitted the correct coil polarity must be observed, as shown by the + symbol
on the schematics.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com