Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

111 Datasheet(PDF) 7 Page - Copyright Pickering Electronics Ltd

Part # 111
Description  Pico SIL/SIP Reed Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKERING [Copyright Pickering Electronics Ltd]
Direct Link  https://www.pickeringrelay.com/
Logo PICKERING - Copyright Pickering Electronics Ltd

111 Datasheet(HTML) 7 Page - Copyright Pickering Electronics Ltd

  111 Datasheet HTML 1Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 2Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 3Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 4Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 5Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 6Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 7Page - Copyright Pickering Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Pico SIL/SIP Reed Relays – Series 111
pickering
relay.com
10 Key Benefits of Pickering Reed Relays
Key Benefit
Pickering Reed Relays
Typical Industry Reed Relays
Instrumentation Grade
Reed Switches
Instrumentation Grade Reed Switches
with vacuum sputtered Ruthenium
plating to ensure stable, long life up to
5x10E9 operations.
Often low grade Reed Switches with
electroplated Rhodium plating resulting
in higher, less stable contact resistance.
2
Formerless Coil
Construction
Formerless coil construction increases
the coil winding volume, maximizing
magnetic efficiency, allowing the use of
less sensitive reed switches resulting in
optimal switching action and extended
lifetime at operational extremes.
Use of bobbins decreases the coil
winding volume, resulting in having
less magnetic drive and a need to use
more sensitive reed switches which
are inherently less stable with greatly
reduced restoring forces.
Magnetic Screening
Mu-metal magnetic screening (either
external or internal), enables ultra-high
PCB side-by-side packing densities with
minimal magnetic interaction, saving
significant cost and space.
Pickering
Mu-Metal magnetic screen - interaction
approx. 5%
Lower cost reed relays have minimal
or no magnetic screening, resulting in
magnetic interaction issues causing
changes in operating and release
voltages, timing and contact resistance,
causing switches to not operate at their
nominal voltages.
Typical industry
screen - interaction approx. 30%
SoftCenter™
Technology
SoftCenter™ technology, provides
maximum cushioned protection of the
reed switch, minimising internal lifetime
stresses and extending the working life
and contact stability.
Transfer moulded reed relays (produced
using high temperature/pressure),
result in significant stresses to the glass
reed switch which can cause the switch
blades to deflect or misalign leading to
changes in the operating characteristics,
contact resistance stability and operating
lifetime.
100% Dynamic
Testing
100% testing for all operating
parameters including dynamic contact
wave-shape analysis with full data
scrutiny to maintain consistency.
Simple dc testing or just batch testing
which may result in non-operational
devices being supplied.
100% Inspection
at Every Stage of
Manufacturing
Inspection at every stage of
manufacturing maintaining high levels
of quality.
Often limited batch inspection.
100% Thermal
Cycling
Stress testing of the manufacturing
processes, from -20°C to +85°C to -20°C,
repeated 3 times.
Rarely included resulting in field failures.
Flexible
Manufacturing
Process
Flexible manufacturing processes allow
quick-turn manufacturing of small
batches.
Mass production: Usually large
batch sizes and with no quick-turn
manufacturing.
Custom Reed Relays
Our reed relays can be customized
easily, e.g. special pin configurations,
enhanced specifications, non-standard
coil or resistance figures, special life
testing, low capacitance, and more.
Limited ability to customize.
Product Longevity
Pickering are committed to product
longevity; our reed relays are
manufactured and supported for
more than 25 years from introduction,
typically much longer.
Most other manufacturers discontinue
parts when they reach a low sales
threshold; costing purchasing and R&D
a great deal of unnecessary time and
money to redesign and maintain supply.
X-Ray of Pickering
mu-metal
magnetic screen
X-Ray of typical
industry
magnetic screen
Coil Voltage
Dynamic Contact Resistance Test
Operate
Release
+85°C
-20°C
ongevit
ongevit
Product
Product
Longevity
Longevity
25+Years
25+Years
1
2
3
4
5
6
7
8
9
10
For more information go to: pickeringrelay.com/10-key-benefits



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com