Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

111 Datasheet(PDF) 1 Page - Copyright Pickering Electronics Ltd

Part # 111
Description  Pico SIL/SIP Reed Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKERING [Copyright Pickering Electronics Ltd]
Direct Link  https://www.pickeringrelay.com/
Logo PICKERING - Copyright Pickering Electronics Ltd

111 Datasheet(HTML) 1 Page - Copyright Pickering Electronics Ltd

  111 Datasheet HTML 1Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 2Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 3Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 4Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 5Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 6Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 7Page - Copyright Pickering Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
(see last page)
Pico SIL/SIP Reed Relays
Series 111
pickering
relay.com
—
Including
1.5 GHz coaxial types
—
Stacks on
0.15 x 0.40 inches pitch
—
Highest quality instrumentation grade switches
—
Mu-metal magnetic screening
—
Two package styles - mu-metal package or plastic
package with internal mu-metal magnetic screen
—
They take up the minimum of board area,
conserving board space
—
Includes 111RF, a
50 Ω coaxial device suitable for
use
up to 1.5 GHz
—
Insulation resistance
>1012 Ω
—
3 or 5 V coils with or without internal diode
—
Additional build options are available
—
Many benefits compared to industry standard relays
Requiring around one third the board area of the more usual 0.2 x 0.8 inch devices these relays are ideal for high density
applications.
Two package styles are available:
The type 111 is encapsulated in a mu-metal can. The coaxial version, type 111RF, is also available in this package style.
The type 111P is encapsulated in a plastic package and features an internal mu-metal screen. An internal diode is an
option in both types.
Magnetic screening is essential to avoid magnetic interaction problems. Interaction is usually measured as a percentage
increase in the voltage required to operate a relay when two additional relays, stacked one each side, are themselves
operated. An unscreened device mounted on this pitch would have an interaction figure of around 40%. Relays of this
size would therefore be totally unsuitable for applications where dense packing is required. Pickering Series 111 have an
interaction figure of around 1 percent.
Magnetic Interaction
Unscreened
100
100HV
100HC
30%
10%
101
20%
Pickering
relays
106
107
0.4
0.3
0.2
0.1
Relay Package Width (Inches)
108
109
111
Percentage
Interaction
(Change in
operate voltage)
Other Unscreened
relays
109P
110
111P
112
113
105
Internal
mu-metal
screen
Complete
mu-metal
can
Key:
0.145”
0.19”
0.245”
0.26”
0.29”
0.40”
104
114
117 115
116
119
40%
50%
Other Manufacturers’
Unscreened relays
Other Manufacturers’
Partially screened relays
Partially
screened
Magnetic Interaction
Package Width (Inches)
0.145”
0.19”
0.245”
0.26”
0.29”
0.40”
For more information on magnetic interaction please visit: pickeringrelay.com/magnetic-interaction
1
Package Type
2
3


Similar Part No. - 111

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
111 HONEYWELL-111 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
Switchcraft, Inc.
111 SWITCH-111 Datasheet
94Kb / 5P
1/4 ENCLOSED PHONE JACKS
logo
Aries Electronics, Inc.
111 ARIES-111 Datasheet
622Kb / 1P
Protective Covers Ultrasonically-welded with Strain Relief
logo
Littelfuse
111 LITTELFUSE-111 Datasheet
1Mb / 1P
111/519 Series 5mm Fuse Clips Taped for Automated Insertion
02/22/15
logo
CEE Norm UK Ltd
111 CEENORM-111 Datasheet
1Mb / 4P
Socket Outlets
More results

Similar Description - 111

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
SIL05-1A31-71L MEDER-SIL05-1A31-71L Datasheet
92Kb / 1P
SIL Reed Relays
SIL05-1A31-71D MEDER-SIL05-1A31-71D Datasheet
92Kb / 1P
SIL Reed Relays
SIL05-1A31-71M MEDER-SIL05-1A31-71M Datasheet
92Kb / 1P
SIL Reed Relays
SIL05-1A31-71Q MEDER-SIL05-1A31-71Q Datasheet
92Kb / 1P
SIL Reed Relays
SIL12-1A31-71L MEDER-SIL12-1A31-71L Datasheet
92Kb / 1P
SIL Reed Relays
SIL12-1A31-71D MEDER-SIL12-1A31-71D Datasheet
92Kb / 1P
SIL Reed Relays
SIL12-1A31-71M MEDER-SIL12-1A31-71M Datasheet
92Kb / 1P
SIL Reed Relays
SIL12-1A75-71L MEDER-SIL12-1A75-71L Datasheet
91Kb / 1P
SIL Reed Relays
SIL15-1A75-71Q MEDER-SIL15-1A75-71Q Datasheet
92Kb / 1P
SIL Reed Relays
SIL24-1A75-71Q MEDER-SIL24-1A75-71Q Datasheet
92Kb / 1P
SIL Reed Relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com