Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM561JRZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADM561JRZ
Description  Ultralow Power 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM561JRZ Datasheet(HTML) 4 Page - Analog Devices

  ADM561JRZ Datasheet HTML 1Page - Analog Devices ADM561JRZ Datasheet HTML 2Page - Analog Devices ADM561JRZ Datasheet HTML 3Page - Analog Devices ADM561JRZ Datasheet HTML 4Page - Analog Devices ADM561JRZ Datasheet HTML 5Page - Analog Devices ADM561JRZ Datasheet HTML 6Page - Analog Devices ADM561JRZ Datasheet HTML 7Page - Analog Devices ADM561JRZ Datasheet HTML 8Page - Analog Devices ADM561JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADM560/ADM561
Rev. B | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Rating
VCC
−0.3 V to +6 V
V+
(VCC − 0.3 V) to +14 V
V−
+0.3 V to −14 V
Input Voltages
TIN
−0.3 V to (V+, +0.3 V)
RIN
25 V
Output Voltages
TOUT
(V+, +0.3 V) to (V−, −0.3 V)
ROUT
−0.3 V to (VCC + 0.3 V)
Short-Circuit Duration
TOUT
Continuous
Power Dissipation
SSOP
900 mW
SOIC
900 mW
Operating Temperature Range
Commercial (J Version)
0°C to +70°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
(Soldering, 10 sec)
+300°C
ESD Rating
>2000 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com