Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM561JRZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADM561JRZ
Description  Ultralow Power 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM561JRZ Datasheet(HTML) 1 Page - Analog Devices

  ADM561JRZ Datasheet HTML 1Page - Analog Devices ADM561JRZ Datasheet HTML 2Page - Analog Devices ADM561JRZ Datasheet HTML 3Page - Analog Devices ADM561JRZ Datasheet HTML 4Page - Analog Devices ADM561JRZ Datasheet HTML 5Page - Analog Devices ADM561JRZ Datasheet HTML 6Page - Analog Devices ADM561JRZ Datasheet HTML 7Page - Analog Devices ADM561JRZ Datasheet HTML 8Page - Analog Devices ADM561JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Ultralow Power +3.3 V, RS-232
Notebook PC Serial Port Drivers/Receivers
ADM560/ADM561
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
RS-232 compatible
Operates with 3 V or 5 V logic
Ultralow power CMOS: 1.3 mA operation
Low power shutdown: 0.2 μA
Suitable for serial port mice
116 kbps data rate
1 μF charge pump capacitors
Single +3 V to +3.6 V power supply
Two receivers active in shutdown (ADM560)
APPLICATIONS
Notebook computers
Peripherals
Modems
Printers
Battery-operated equipment
FUNCTIONAL BLOCK DIAGRAM
7
16
15
14
12
13
17
11
T1
2
T1IN
T1OUT
6
T2
3
T2IN
T2OUT
20
T3
1
T3IN
T3OUT
24
21
T4
28
T4IN
T4OUT
R1
9
R1OUT
R1IN
8
R2
4
R2OUT
R2IN
5
R3
27
R3OUT
R3IN
26
R4
23
R4OUT
R4IN
22
R5
18
25
R5OUT
R5IN
SHDN (ADM561)
19
10
C1+
C1–
C2+
VCC
V+
V–
C2–
+
+
GND
+3.3V TO +6.6V
VOLTAGE
DOUBLER
+6.6V TO –6.6V
VOLTAGE
INVERTER
0.1µF
C3
1µF
6.3V
1µF
10V
1µF
10V
C4
1µF
10V
EIA/TIA-232
OUTPUTS
EIA/TIA-232
INPUTS
SHDN (ADM560)
ADM560/
ADM561
+3.3V INPUT
CMOS
INPUTS
CMOS
OUTPUTS
EN (ADM560)
EN (ADM561)
Figure 1.
GENERAL DESCRIPTION
The ADM560/ADM561 are four driver/five receiver interface
devices designed to meet the EIA-232 standard and operate with
a single +3.3 V power supply. The devices feature an on-board
dc-to-dc converter, eliminating the need for dual ±5 V power
supplies. This dc-to-dc converter contains a voltage doubler
and voltage inverter, both of which internally generate ±6.6 V
from the input +3.3 V power supply.
The ADM560 and the ADM561 consume only 5 mW making
them ideally suited for battery and other power-sensitive appli-
cations. A shutdown facility is also provided to reduce the power
to 0.66 μW.
The ADM560 contains active low shutdown and an active high
receiver enable signal. In shutdown mode, two receivers remain
active, thereby allowing monitoring of peripheral devices. This
feature allows the device to be shut down until a peripheral
device begins communication. The active receivers alert the
processor, and then take the ADM560 out of shutdown mode.
The ADM561 features active high shutdown and an active
low receiver enable. In this device, all receivers are disabled
in shutdown.
The ADM560/ADM561 are fabricated using CMOS technology
for minimal power consumption. They feature a high level of
over-voltage protection and latch-up immunity. The receiver
inputs can withstand up to ±25 V levels. The transmitter inputs
can be driven from either 3 V or 5 V logic levels. This allows
operation in mixed 3 V/5 V power supply systems.
The ADM560/ADM561 are packaged in a 28-lead SOIC and
a 28-lead SSOP package.


Similar Part No. - ADM561JRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM561JR AD-ADM561JR Datasheet
246Kb / 6P
Ultralow Power, 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
9/06-Rev. A to Rev. B
ADM561JRS AD-ADM561JRS Datasheet
246Kb / 6P
Ultralow Power, 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
9/06-Rev. A to Rev. B
More results

Similar Description - ADM561JRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3202 AD-ADM3202 Datasheet
153Kb / 8P
Low Power, 3.3 V, RS-232 Line Drivers/Receivers
REV.A
ADM560 AD-ADM560 Datasheet
246Kb / 6P
Ultralow Power, 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
9/06-Rev. A to Rev. B
logo
Texas Instruments
TL145406 TI-TL145406_06 Datasheet
345Kb / 14P
TRIPLE RS-232 DRIVERS/RECEIVERS
logo
Analog Devices
ADM3202ARUZ-REEL7 AD-ADM3202ARUZ-REEL7 Datasheet
328Kb / 16P
Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3222ARSZ AD-ADM3222ARSZ Datasheet
328Kb / 16P
Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202ARN-REEL AD-ADM3202ARN-REEL Datasheet
328Kb / 16P
Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202ARWZ AD-ADM3202ARWZ Datasheet
328Kb / 16P
Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM560 AD-ADM560_15 Datasheet
247Kb / 12P
Notebook PC Serial Port Drivers/Receivers
REV. B
ADM561 AD-ADM561_15 Datasheet
247Kb / 12P
Notebook PC Serial Port Drivers/Receivers
REV. B
ADM3202 AD-ADM3202_V01 Datasheet
327Kb / 16P
Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com