Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM561JRZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADM561JRZ
Description  Ultralow Power 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM561JRZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM561JRZ Datasheet HTML 4Page - Analog Devices ADM561JRZ Datasheet HTML 5Page - Analog Devices ADM561JRZ Datasheet HTML 6Page - Analog Devices ADM561JRZ Datasheet HTML 7Page - Analog Devices ADM561JRZ Datasheet HTML 8Page - Analog Devices ADM561JRZ Datasheet HTML 9Page - Analog Devices ADM561JRZ Datasheet HTML 10Page - Analog Devices ADM561JRZ Datasheet HTML 11Page - Analog Devices ADM561JRZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADM560/ADM561
Rev. B | Page 8 of 12
THEORY OF OPERATION
The ADM560/ADM561 are RS-232 transmission line drivers/
receivers, and operate from a single +3.3 V supply. This is achieved
by integrating step-up voltage converters and level shifting trans-
mitters and receivers onto the same chip. CMOS technology is
used to keep the power dissipation at an absolute minimum.
The ADM560/ADM561 are a modification, enhancement, and
improvement to the ADM241L family and its derivatives thereof.
These devices are essentially plug-in compatible and do not
have materially different applications.
The ADM560/ADM561 contain an internal voltage doubler
and a voltage inverter that generates ±6.6 V from the +3.3 V
input. Four external 1 μF capacitors are required for the inter-
nal voltage converters.
CIRCUIT DESCRIPTION
The internal circuitry consists of three main sections. These are
as follows:
•
A charge pump voltage converter.
•
3 V logic to EIA-232 transmitters.
•
EIA-232 to 3 V logic receivers.
Charge Pump DC-to-DC Voltage Converter
The charge pump voltage converter consists of an oscillator and
a switching matrix. The converter generates a ±6.6 V supply from
the input +3.3 V level. This is done in two stages using a switched
capacitor technique (see Figure 11 and Figure 12). First, the
+3.3 V input supply is doubled to +6.6 V using Capacitor C1
as the charge storage element. The +6.6 V level is then inverted
to generate −6.6 V using Capacitor C2 as the storage element.
Capacitor C3 and Capacitor C4 are used to reduce the output
ripple. Their values are not critical and can be reduced if higher
levels of ripple are acceptable. The C1 and C2 charge pump capac-
itors can also be reduced at the expense of the higher output
impedance on the V+ and V− supplies.
The V+ and V− supplies are also used to power external
circuitry if the current requirements are small.
Transmitter (Driver) Section
The drivers convert 3 V or 5 V logic input levels into EIA-232
output levels. With VCC = +3.3 V and driving an EIA-232 load,
the output voltage swing is typically ±5.5 V.
+
C3
+
C1
VCC
GND
S1
S2
S3
S4
INTERNAL
OSCILLATOR
V+ = 2VCC
VCC
Figure 11. Charge Pump Voltage Double Operation
+
C4
+
C2
V+
GND
S1
S2
S3
S4
INTERNAL
OSCILLATOR
GND
V– = – (V+)
FROM
VOLTAGE
DOUBLER
Figure 12. Charge Pump Voltage Inverted Operation
Unused inputs can be left unconnected as an internal 400 kΩ
pull-up resistor pulls them high forcing the outputs into a low
state. The input pull-up resistors typically source 8 μA when
grounded, so connect unused inputs to VCC or leave unconnec-
ted in order to minimize power consumption.
Receiver Section
The receivers are inverting level shifters; they accept EIA-232
input levels and translate them into 3 V logic output levels. The
inputs have internal 5 kΩ pull-down resistors to ground and are
also protected against overvoltages of up to ±25 V. The guaranteed
switching thresholds are 0.4 V minimum and 2.4 V maximum.
Unconnected inputs are pulled to 0 V by the internal 5 kΩ pull-
down resistor. This results in a Logic 1 output level for unconnected
inputs or for inputs connected to GND.
The receivers have a Schmitt trigger input with a hysteresis level
of 0.3 V. This ensures error-free reception for both noisy inputs
and for inputs with slow transition times.
ENABLE AND SHUTDOWN
Table 4 shows the truth table for the enable and shutdown
control signals. When disabled all receivers are placed in a
high impedance state. In shutdown, all transmitters are disa-
bled and all receivers on the ADM561 are disabled. On the
ADM560, Receiver R4 and Receiver R5 remain enabled in
shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com