Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2CB Datasheet(PDF) 50 Page - Metcal

Part # WS2CB
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

WS2CB Datasheet(HTML) 50 Page - Metcal

Back Button WS2CB Datasheet HTML 46Page - Metcal WS2CB Datasheet HTML 47Page - Metcal WS2CB Datasheet HTML 48Page - Metcal WS2CB Datasheet HTML 49Page - Metcal WS2CB Datasheet HTML 50Page - Metcal WS2CB Datasheet HTML 51Page - Metcal WS2CB Datasheet HTML 52Page - Metcal WS2CB Datasheet HTML 53Page - Metcal WS2CB Datasheet HTML 54Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
47
Connection Kits
Item
Description
BTX-CK2-25
BTX-CK4-50
BTX-CK4-75
Maxnumberofstations single-rowbench 24
4
whenusing5.6mmtubes double-rowbench 48
8
QTY
Qty
QTY
1 FlexibleHoseØ32mm(1.25")
2.5m(8")
5.0m(16")
7.5m(25')
2 Couplingwith2Glands5.6mm
24
4
3 EndPlug
12
2
4 T-pieceConnector
01
1
- PipeClip
25
5
- RollofVinylTape
11
1
Individual Parts
ITEM PART No.
DESCRIPTION
1 CH0121
FlexibleHoseØ35mmx2.5m(8')Long
1 CH0122
FlexibleHoseØ35mmx5m(16')Long
1 CH0123
FlexibleHoseØ35mmx7.5m(25')Long
2 AC-TX001-4
Couplingswith2Glands5.6mm(Packof4)
3 18566S-5
EndPlug(Packof5)
4 AC-TX002-2
T-pieceConnector(Packof2)
- 19115S-10
PipeClip(Packof10)
Technical Specifications
Max.NumberofStations 8
FlowRateperStation >28I/min
NoiseLevel
<55dBA
Dimensions
508x254x388mm
WxDxH
(20"x10"x15.3")
Weight
9kg(20lbs)
Voltage
100-240VAC
Frequency
50-60Hz
Power
85Watt
MaxDuctRun
30m(100ft)
Certification
UL/CSA/CE
Iron Adapter Kits
(alsoseepage27)
AC-FX1
UniversaltipextractionIronAdapterClip
Includes:
2xUniversalClips-replacementpartno.BTX-UC01(packof10)
1xSiliconHose-replacementpartno.18574S-5(packof5)
1xCleaningBrush-replacementpartno.DS03-910-5(packof5)
1xStainlessTube-replacementpartno.20233S-5(packof5)
4xSClips-replacementpartno.20237S-5(packof5)
1xConnectingGland-replacementpartno.18576S-5(packof5)
DS03-929
TipextractionIronAdapterClipforMetcalMX-500
SamecontentasAC-FX1excepttheuniversalclip.
ComeswithPlasticClipforMX-500(replacementpartno.
18863S-5-packof5)
DS03-930
TipextractionIronAdapterClipforMetcalSP200
SamecontentasAC-FX1theuniversalclip.
ComeswithPlasticClipforSP200(replacementpartno.
18864S-5-packof5)
System
BTX-208
Filterunitfor8TipExtractionStations,Pre/HEPA/Gas
CONNECTION KITS
BTX-CK2-25 Connection Kit for 2-4 Stations with 2.5m (8') Long Hose
BTX-CK4-50 Connection Kit for 4-8 Stations with 5m (16') Long Hose
BTX-CK4-75 Connection Kit for 4-8 Stations with 7.5m (25') Long Hose
REPLACEMENT FILTERS
FP-BVX200
Pre-Filter (Pack of 5)
FM-BVX200 Main Filter, HEPA 99.95%/Carbon
Couplingswith2
GlandsandPipe
Clip
VacuumTubeto
SolderIron



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com