Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2CB Datasheet(PDF) 23 Page - Metcal

Part # WS2CB
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

WS2CB Datasheet(HTML) 23 Page - Metcal

Back Button WS2CB Datasheet HTML 19Page - Metcal WS2CB Datasheet HTML 20Page - Metcal WS2CB Datasheet HTML 21Page - Metcal WS2CB Datasheet HTML 22Page - Metcal WS2CB Datasheet HTML 23Page - Metcal WS2CB Datasheet HTML 24Page - Metcal WS2CB Datasheet HTML 25Page - Metcal WS2CB Datasheet HTML 26Page - Metcal WS2CB Datasheet HTML 27Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
01
20
0.48"
12.2mm
0.06"
1.5mm
0.34"
8.5mm
0.02"
0.5mm
0.51"
13.0mm
0.02"
0.5mm
0.53"
13.6mm
0.016"
0.4mm
.08"
2.0 mm
15.0 mm
.59"
0.4"
10.0mm
0.2"
5.0mm
.20"
5.0mm
14mm .55"
45º
.095"
2.4mm
1.0mm
.04" .394"
10mm
.06"
1.5mm
.472"
12.0mm
1.78mm
.07" .394"
10.0mm
2.5mm
.10" .394"
10.0mm
0.59"
15.0mm
0.02"
0.5mm
15.0mm
.04"
.590"
1.0mm
16.65mm
.04"
.656"
1.0mm
15.0mm
.59"
60˚
1.0mm
.04"
.65"
.12"
3.0mm
16.5mm
.315"
.197"
5.0mm
8.0mm
.59"
.01"
15.0mm
0.25mm
17.0mm
.67"
45˚
3.0mm
.12"
17.0mm
.67"
60˚
3.0mm
.12"
17.0mm
.67"
45˚
2.0mm
.08"
.06" .394"
1.5mm
10.0mm
17.0mm
.67"
60˚
2.0mm
.08"
SOLDERING TIPS for heavy duty applications
SOLDERING TIPS ideal for light to medium loads
Theseconddigitdenotessubstratematerial(damagetolerance).F=FR4/GlassFiber,formoststandardapplications.Twootherseriesarealsoavailable,just
replaceFwitheitherTorC. T=TemperatureSensitive,C=Ceramic
75
=750Seriesformoststandardapplications.65=650Seriesalsoavailablefortemperaturesensitiveapplications.Toorderthisseries,replace75with65.
Soldering Tips
SFV-CH50
ExtraLargeChiselSolderTip
5.0mm(.20̎)
SFV-CHB15
ChiselBent30°SolderTip
1.5mm(.06̎)
SFV-CN05
ConicalSolderTip
0.5mm(.02̎)
SFV-CNB05
ConicalBentSolderTip
0.5mm(.02̎)
SFV-DRK50
KnifeSolderTip
5.0mm(.20̎)
SF
V
-CNL04
ConicalLongSolderTip
0.4mm(.016̎)
SFV-DRK50S
DragSolderingTip
Knife5.0mm(.20̎)
SFV-CNL20
ConicalTipLong
2.0mm(.08̎)
Soldering Tips
PHT-750315
ChiselFine30°
1.0mm(.04̎)
PHT-750326
ChiselFine/Bent30°
1.5mm(.06̎)
PHT-750335
ChiselFine30°
1.78mm(.07̎)
PHT-751355
Chisel30°
2.5mm(.10̎)
PHT-753035
Conical30°
0.5mm(.02̎)
PHT-753067
ConicalLong
1.0mm(.04̎)
PHT-753077
PowerConical
1.0mm(.04̎)
PHT-754627
MiniHoof60°
1.0mm(.04̎)
PHT-750325
Chisel60°
1.5mm(.06̎)
PHT-751367
Chisel30°
3.0mm(.12̎)
PHT-751384
Chisel30°
5.0mm(.197̎)
PHT-752017
Conical60°
0.25mm(.01̎)
PHT-754667
Hoof60°
2.0mm(.08̎)
PHT-754487
Hoof45°
3.0mm(.12̎)
PHT-754687
Hoof60°
3.0mm(.12̎)
PHT-754467F
Hoof45°FaceOnly
2.0mm(.08̎)
for PS-800 System with PS-CA1 Coil
for MFR-PST and PS-800E Systems with MFR-CA2 and PS-CA2 coils



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com