Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2CB Datasheet(PDF) 62 Page - Metcal

Part # WS2CB
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

WS2CB Datasheet(HTML) 62 Page - Metcal

Back Button WS2CB Datasheet HTML 56Page - Metcal WS2CB Datasheet HTML 57Page - Metcal WS2CB Datasheet HTML 58Page - Metcal WS2CB Datasheet HTML 59Page - Metcal WS2CB Datasheet HTML 60Page - Metcal WS2CB Datasheet HTML 61Page - Metcal WS2CB Datasheet HTML 62Page - Metcal WS2CB Datasheet HTML 63Page - Metcal WS2CB Datasheet HTML 64Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
59
TT Series Needles
Thesetipsaremoldedinhighdensitypolyethylene
withUVlightblockadditiveandincludeadoublehelix
luerlockhub.Thetaperedtippreventsblockageand
increasestheflowofhighviscositymaterials.Soldin
packsof50.
Gauge
Colour
TT Needle
14
Olive
914125-DHUV
16
Grey
916125-DHUV
18
Green
918125-DHUV
20
Pink
920125-DHUV
22
Blue
922125-DHUV
25
Red
925125-DHUV
27
White
927125-DHUV
Needle Dispensing Kit
Decideforyourselfwhichneedletouse.Thiskit
containsaselectionofOKInternational'smost
popularTE,TEBentandTTNeedlestoletyoutest
differentneedlestofindtheonesthatfityourneeds.
900-NK
Needle Dispensing Kit
TS-P Plastic Series Needles
Flexibletipsallowaccesstohardtoreachareasand
allowyouto"customize"thelength.IdealforCA
applications.Bothhubandcannulaaremadefrom
Polypropylene.11/2"length.Soldinpacksof50.
Gauge
Colour
TS-P Needle
15
Grey
915150-PTS
16
Brown
916150-PTS
18
Pink
918150-PTS
20
Yellow
920150-PTS
22
Black
922150-PTS
25
Red
925150-PTS
Colour Coding and Gauge
ForTESeriesandTEBentNeedles
Gauge
Colour
I.D. (inches)
!.D.(mm)
14
Olive
0.063
1.600
15
Amber
0.054
1.371
18
Green
0.033
0.838
20
Pink
0.024
0.610
21
Purple
0.020
0.508
22
Blue
0.016
0.406
23
Orange
0.013
0.330
25
Red
0.010
0.254
27
Clear
0.008
0.203
30
Lavender
0.006
0.152
32
Yellow
0.004
0.102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com