Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FETA Datasheet(PDF) 12 Page - COSEL CO., LTD.

Part # FETA
Description  FETA-series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

FETA Datasheet(HTML) 12 Page - COSEL CO., LTD.

Back Button FETA Datasheet HTML 8Page - COSEL CO., LTD. FETA Datasheet HTML 9Page - COSEL CO., LTD. FETA Datasheet HTML 10Page - COSEL CO., LTD. FETA Datasheet HTML 11Page - COSEL CO., LTD. FETA Datasheet HTML 12Page - COSEL CO., LTD. FETA Datasheet HTML 13Page - COSEL CO., LTD. FETA Datasheet HTML 14Page - COSEL CO., LTD. FETA Datasheet HTML 15Page - COSEL CO., LTD. FETA Datasheet HTML 16Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
FETA-12
FET A 7000 ST -OO
1
2
3
4
5
FETA7000ST
AC-DC Power Supplies Enclosed Type
Ordering information
1Series name
2Single output
3Output wattage
43f 4-Wire
5Output voltage
R
MODEL
FETA7000ST-48
FETA7000ST-144
MAX OUTPUT WATTAGE[W]
*1
7113
7488
DC OUTPUT
48V 148.2A
144V 52A
SPECIFICATIONS
MODEL
FETA7000ST-48
FETA7000ST-144
INPUT
VOLTAGE[V]
AC300 - 480 3f4-Wire (Output derating is required at AC300V - 320V. Refer to “Derating”)
CURRENT[A]
ACIN 400V
*2
11.4typ
12.0typ
FREQUENCY[Hz]
50 / 60 (47 - 63)
EFFICIENCY[%]
ACIN 400V
90.5% (Io=100%)
90.5% (Io=100%)
POWER FACTOR
ACIN 400V
0.98typ (Io=100%)
INRUSH CURRENT[A]
ACIN 400V
*3
40max / 80max (Primary inrush current /Secondary inrush current) (More than 10 sec. to re-start)
LEAKAGE CURRENT[mA]
5.0max (ACIN 480V 60Hz, Io=100%, According to IEC62368-1)
OUTPUT
VOLTAGE[V]
48
144
CURRENT[A]
ACIN 300V-320V Output derating is required at ACIN 320V or less (refer to “Derating”)
ACIN 320V-480V 148.2
52
LINE REGULATION[mV]
192max
360max
LOAD REGULATION[mV]
960max
1800max
RIPPLE[mVp-p]
0 to +40C *4 360max
720max
-10 to 0C
*4
480max
960max
RIPPLE NOISE[mVp-p]
0 to +40C *4 480max
960max
-10 to 0C
*4
600max
1200max
TEMPERATURE REGULATION[mV]
0 to +40C
480max
2200max
-10 to +40C
600max
2800max
DRIFT[mV]
*5
192max
384max
START-UP TIME[s]
1.7max (ACIN 400V, Io=100%)
HOLD-UP TIME[ms] ACIN 400V
10typ (Io=100%)
20typ (Io=50%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V] *6 28.8 - 52.8 *7
86.4 - 158.4 *8
OUTPUT VOLTAGE SETTING[V]
47 - 49
141 - 147
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION
Works over 105% of rating (Recovers automatically, Hiccup overcurrent)
(Output voltage shuts down when the output voltage continuously drops due to overcurrent protection.) *9
OVERVOLTAGE PROTECTION[V]
*9
56 - 60
168 - 180
DC_OK LAMP
LED (Green)
ALARM LAMP
LED (Amber)
REMOTE ON/OFF
Provided
ISOLATION
INPUT-OUTPUT-AUX-RC-WRN-PG
AC3,000V 1minute, Cutoff current = 100mA, DC500V 50MW min (At room temperature)
INPUT-FG
AC2,000V 1minute, Cutoff current = 100mA, DC500V 50MW min (At room temperature)
OUTPUT-AUX-RC-WRN-PG-FG
AC500V 1minute, Cutoff current = 100mA, DC500V 50MW min (At room temperature)
OUTPUT-AUX-RC-WRN-PG
AC100V 1minute, Cutoff current = 100mA, DC100V 50MW min (At room temperature)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE -10 to +60C (Refer to “Derating”), 20 - 90%RH (Non condensing), 3,000m (10,000 feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -20 to +75C, 20 - 90%RH (Non condensing), 9,000m (30,000 feet) max
VIBRATION
10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once each along X, Y and Z axis
SAFETY AND
NOISE REGULATIONS
AGENCY APPROVALS
UL62368-1, C-UL (CSA62368-1), EN62368-1
CONDUCTED NOISE
Complies with FCC Part15-A, CISPR32-A, EN55032-A, VCCI-A with an external EMI/EMC filter. (refer to
Instruction manual)
HARMONIC ATTENUATOR
Complies with IEC61000-3-2 Class A *10
OTHERS
CASE SIZE/WEIGHT
*11
388X43X475mm [15.28X1.69X18.70 inches] (WXHXD) / 11kg max
COOLING METHOD
Forced cooling (internal fan)
*1
AUX output power is not included.
*2
The current flowing through the neutral line increases when AC input voltage is over
AC456V 3f 4-Wire. The flowing current will vary according to the input voltage and the
load current. The maximum flowing current will be 18A.
*3
The current of input surge to a built-in noise filter (0.2ms or less) is excluded.
*4
Measured by 500MHz oscilloscope.
Ripple and ripple noise is measured on measuring board with capacitor of 22mF within
150mm from the output terminal.
*5
Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C,
with the input voltage held constant at the rated input/output.
*6
Can't be used above the rated output current and the rated output power.
*7
When the output voltage is adjusted to higher than 49.92V and the load factor is over 70%
of the rated current, if the load current changes quickly (< 200msec), the output voltage
drops approximately 5V below the setting voltage.
*8
When the output voltage is adjusted to higher than 149.82V and the load factor is over 70%
of the rated current, if the load current changes quickly (<200msec), the output voltage
drops approximately 15V below the setting voltage.
*9
Output voltage recovers from protection by shutting down the input voltage and waiting
more than 10 seconds then turning on AC input again, or turning off the output voltage by
remote control.
*10 Please contact us about another class.
*11 Case size contains neither the terminal blocks, connector and screw.
*
To meet the specifications, do not operate over-loaded condition.
*
A sound may occur from power supply at peak loading.
*Make sure necessary tests will be carried out on your end equipment with the power supply installed in accordance with any required EMC/EMI regulations.
Example recommended EMI/EMC filter
YAC-25-685
*A higher current rating EMI/EMC filter
may be recommended in view of the
other devices that could be connected
in parallel with the power supply.
July 13, 2023
www.cosel.co.jp/en/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com