Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FETA Datasheet(PDF) 14 Page - COSEL CO., LTD.

Part # FETA
Description  FETA-series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

FETA Datasheet(HTML) 14 Page - COSEL CO., LTD.

Back Button FETA Datasheet HTML 10Page - COSEL CO., LTD. FETA Datasheet HTML 11Page - COSEL CO., LTD. FETA Datasheet HTML 12Page - COSEL CO., LTD. FETA Datasheet HTML 13Page - COSEL CO., LTD. FETA Datasheet HTML 14Page - COSEL CO., LTD. FETA Datasheet HTML 15Page - COSEL CO., LTD. FETA Datasheet HTML 16Page - COSEL CO., LTD. FETA Datasheet HTML 17Page - COSEL CO., LTD. FETA Datasheet HTML 18Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
FETA-14
FETA7000ST
AIR FLOW
[0.49]
[18.70]
[17.50]
[9.63]
12.5
475
444.5±0.5
244.5±0.5
N
L3
L2
L1
FG
CN2
CN1
Output voltage
adjustable potentiometer
LED(DC OK) Green
LED(Alarm) Amber
Name plate
+V
-V
6-M3
(Depth:10mm max)
Mounting Hole
[0.97]
[0.43]
[0.43]
[0.43]
[0.43]
[0.97]
24.6
11±0.5
11±0.5
24.6
11±0.5
11±0.5
14-M4 (Depth:15mm max)
Mounting Hole
2-M3 (Depth:10mm max)
Mounting Hole
[1.02]
[0.98]
[1.10]
[5.22]
[5.22]
[6.34]
[6.34]
[0.83]
[0.43]
[0.67]
21max
25
26
28±0.5
161±0.5
132.5±0.5
132.5±0.5
161±0.5
11
17
6-M4
(Depth:15mm max)
Mounting Hole
External view
Block diagram of internal module
AC IN
173 - 277V
FG
DC OUT
RC
CB
PG (POWER GOOD)
WRN
L
(REMOTE ON / OFF)
VB (VOLTAGE BALANCE)
(CURRENT BALANCE)
TRM(ADJUSTMENT OF
OUTPUT VOLTAGE)
(WARNING)
AUX (12V 0.15A)
N
FUSE 250V 30A
INRUSH
CURRENT
LIMIT
RECTIFIER
AND
FILTER
INVERTER
RECTIFIER
AND
FILTER
OVER VOLTAGE
PROTECTION
THERMAL
PROTECTION
SYNCHRONIZING
SIGNAL
ALARM
INVERTER
CURRENT
SENSING
VOLTAGE
SENSING
CURRENT
SENSING
CURRENT
SENSING
WARNING
SIGNAL
VOLTAGE
SENSING
MASTER
SLAVE
CONTROL
CONTROL
THERMAL
PROTECTION
NOISE
FILTER
INTERNAL
REGULATOR
FAN
CONTROL
CONTROL
CONTROL
* Tolerance ±1 [±0.04]
* Weight : 11kg max
* PCB Material / thickness : FR-4 / 1.6mm [0.06]
* Chassis Material : Stainless steel
* Dimensions in mm, [ ]=inches
* Screw tightening torque : M3 Mounting Hole 0.6N-m max
M4 Mounting Hole 1.2N-m max
M5 Terminal block 3.0N-m max
* Please connect safety ground to FG terminal on the unit.
July 13, 2023
www.cosel.co.jp/en/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com