Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FETA Datasheet(PDF) 3 Page - COSEL CO., LTD.

Part # FETA
Description  FETA-series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

FETA Datasheet(HTML) 3 Page - COSEL CO., LTD.

  FETA Datasheet HTML 1Page - COSEL CO., LTD. FETA Datasheet HTML 2Page - COSEL CO., LTD. FETA Datasheet HTML 3Page - COSEL CO., LTD. FETA Datasheet HTML 4Page - COSEL CO., LTD. FETA Datasheet HTML 5Page - COSEL CO., LTD. FETA Datasheet HTML 6Page - COSEL CO., LTD. FETA Datasheet HTML 7Page - COSEL CO., LTD. FETA Datasheet HTML 8Page - COSEL CO., LTD. FETA Datasheet HTML 9Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
FETA-3
[11.34]
[13.39]
[0.98]
[10.43]
[9.25]
[1.85]
[0.75]
[0.28]
[0.49]
[0.67]
[1.38]
[0.59]
[0.30]
[0.42]
[0.65]
Output voltage
adjustable
potentiometer
AIR FLOW
Name plate
2-M4
2-M4
Mounting Hole
AC(N)
AC(L)
FG( )
CN2
CN1
M4
LED(DC OK)
Green
LED(Alarm)
Amber
Output
terminal(+)
Output
terminal(-)
3-M4
Mounting Hole
(Bottom)
2-f7
Name plate
Input terminal cover
2-M4
Mounting Hole
(17)
19max
(12.5)
16.6
10.7
288±0.5
235±0.5
265±0.5
7.5
(35)
340
15
47
25
FETA2500BA
External view
Block diagram
* Tolerance ±1 [±0.04]
* Weight : 2.3kg max
* PCB material / thickness : FR-4 / 1.6mm [0.06]
* Chassis material : Stainless steel
* Dimensions in mm, [ ]=inches
* Maunting torque : 1.2N-m max
* Screw tightening torque : 1.6N-m max
* Please connect safety ground to FG terminal on the unit.
AC IN
170 - 264V
FG
DC OUT
RC
CB
PG (POWER GOOD)
WRN
L
(REMOTE ON / OFF)
VB (VOLTAGE BALANCE)
(CURRENT BALANCE)
TRM(ADJUSTMENT OF
OUTPUT VOLTAGE)
(WARNING)
AUX (12V 0.15A)
N
FUSE 250V 30A
INRUSH
CURRENT
LIMIT
RECTIFIER
AND
FILTER
INVERTER
RECTIFIER
AND
FILTER
OVER VOLTAGE
PROTECTION
THERMAL
PROTECTION
SYNCHRONIZING
SIGNAL
ALARM
INVERTER
CURRENT
SENSING
VOLTAGE
SENSING
CURRENT
SENSING
CURRENT
SENSING
WARNING
SIGNAL
VOLTAGE
SENSING
MASTER
SLAVE
CONTROL
CONTROL
THERMAL
PROTECTION
NOISE
FILTER
INTERNAL
REGULATOR
FAN
CONTROL
CONTROL
CONTROL
July 13, 2023
www.cosel.co.jp/en/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com