Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL205 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XCL205
Description  Inductor Built-in Step-Down “micro DC/DC” Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL205 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XCL205 Datasheet HTML 9Page - Torex Semiconductor XCL205 Datasheet HTML 10Page - Torex Semiconductor XCL205 Datasheet HTML 11Page - Torex Semiconductor XCL205 Datasheet HTML 12Page - Torex Semiconductor XCL205 Datasheet HTML 13Page - Torex Semiconductor XCL205 Datasheet HTML 14Page - Torex Semiconductor XCL205 Datasheet HTML 15Page - Torex Semiconductor XCL205 Datasheet HTML 16Page - Torex Semiconductor XCL205 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13/27
XCL205/XCL206/XCL207
Series
■OPERATIONAL DESCRIPTION
The XCL205/XCL/206/XCL207 series consists of a reference voltage source, ramp wave circuit, error amplifier, PWM
comparator, phase compensation circuit, output voltage adjustment resistors, P-channel MOSFET driver transistor, N-channel
MOSFET switching transistor for the synchronous switch, current limiter circuit, UVLO circuit with control IC, and an inductor.
(See the block diagram above.)
Using the error amplifier, the voltage of the internal voltage reference source is compared with the feedback voltage from the
VOUT pin through split resistors, R1 and R2. Phase compensation is performed on the resulting error amplifier output, to input a
signal to the PWM comparator to determine the turn-on time during PWM operation. The PWM comparator compares, in terms
of voltage level, the signal from the error amplifier with the ramp wave from the ramp wave circuit, and delivers the resulting
output to the buffer driver circuit to cause the Lx pin to output a switching duty cycle. This process is continuously performed to
ensure stable output voltage.
The current feedback circuit monitors the P-channel MOS driver transistor current for each switching operation, and modulates
the error amplifier output signal to provide multiple feedback signals. This enables a stable feedback loop even when a low ESR
capacitor such as a ceramic capacitor is used ensuring stable output voltage.
<Reference Voltage Source>
The reference voltage source provides the reference voltage to ensure stable output voltage of the DC/DC converter.
<Ramp Wave Circuit>
The ramp wave circuit determines switching frequency. The frequency is fixed internally 3.0MHz. Clock pulses generated in this
circuit are used to produce ramp waveforms needed for PWM operation, and to synchronize all the internal circuits.
<Error Amplifier>
The error amplifier is designed to monitor output voltage. The amplifier compares the reference voltage with the feedback voltage
divided by the internal split resistors, R1 and R2. When a feedback voltage is lower than the reference voltage, the output voltage
of the error amplifier is increased. The gain and frequency characteristics of the error amplifier output are fixed internally to deliver
an optimized signal to the mixer.
<Current Limit>
The current limiter circuit of the XCL205/XCL206/XCL207 series monitors the current flowing through the P-channel MOS driver
transistor connected to the Lx pin, and features a combination of the current limit mode and the operation suspension mode.
① When the driver current is greater than a specific level, the current limit function operates to turn off the pulses from the Lx
pin at any given timing.
② When the driver transistor is turned off, the limiter circuit is then released from the current limit detection state.
③ At the next pulse, the driver transistor is turned on. However, the transistor is immediately turned off in the case of an over
current state.
④ When the over current state is eliminated, the IC resumes its normal operation.
The IC waits for the over current state to end by repeating the steps ① through ③. If an over current state continues for a few
milliseconds and the above three steps are repeatedly performed, the IC performs the function of latching the OFF state of the
driver transistor, and goes into operation suspension state. Once the IC is in suspension state, operations can be resumed by
either turning the IC off via the CE/MODE pin, or by restoring power to the VIN pin. The suspension state does not mean a complete
shutdown, but a state in which pulse output is suspended; therefore, the internal circuitry remains in operation. The current limit
of the XCL205/XCL206/XCL207 series can be set at 1050mA at typical.
Depending on the state of the PC Board, latch time may become longer and latch operation may not work. In order to avoid the
effect of noise, an input capacitor is placed as close to the IC as possible.
Limit > # ms
Current Limit LEVEL
0mA
I
OUT
V
Lx
IN
V
CE
V
Lx
Vss
Restart
Limit < # ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com