Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL205 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XCL205
Description  Inductor Built-in Step-Down “micro DC/DC” Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL205 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XCL205 Datasheet HTML 10Page - Torex Semiconductor XCL205 Datasheet HTML 11Page - Torex Semiconductor XCL205 Datasheet HTML 12Page - Torex Semiconductor XCL205 Datasheet HTML 13Page - Torex Semiconductor XCL205 Datasheet HTML 14Page - Torex Semiconductor XCL205 Datasheet HTML 15Page - Torex Semiconductor XCL205 Datasheet HTML 16Page - Torex Semiconductor XCL205 Datasheet HTML 17Page - Torex Semiconductor XCL205 Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
14/27
XCL205/XCL206/XCL207 Series
■OPERATIONAL DESCRIPTION (Continued)
<Short-Circuit Protection>
The short-circuit protection circuit monitors the internal R1 and R2 divider voltage from the VOUT pin (refer to FB point in the
block diagram shown in the previous page). In case where output is accidentally shorted to the Ground and when the FB point
voltage decreases less than half of the reference voltage (Vref) and a current more than the ILIM flows to the driver transistor,
the short-circuit protection quickly operates to turn off and to latch the driver transistor. In the latch state, the operation can be
resumed by either turning the IC off and on via the CE/MODE pin, or by restoring power supply to the VIN pin.
When sharp load transient happens, a voltage drop at the VOUT is propagated to the FB point through CFB, as a result, short
circuit protection may operate in the voltage higher than 1/2 VOUT voltage.
<UVLO Circuit>
When the VIN pin voltage becomes 1.4V or lower, the P-channel output driver transistor is forced OFF to prevent false pulse
output caused by unstable operation of the internal circuitry. When the VIN pin voltage becomes 1.8V or higher, switching operation
takes place. By releasing the UVLO function, the IC performs the soft start function to initiate output startup operation. The soft
start function operates even when the VIN pin voltage falls momentarily below the UVLO operating voltage. The UVLO circuit does
not cause a complete shutdown of the IC, but causes pulse output to be suspended; therefore, the internal circuitry remains in
operation.
<PFM Switch Current>
In PFM control operation, until coil current reaches to a specified level (IPFM), the IC keeps the P-ch MOSFET on. In this case,
on-time (tON) that the P-ch MOSFET is kept on can be given by the following formula.
tON = L×IPFM / (VIN-VOUT)
→IPFM①
<PFM Duty Limit>
In the PFM control operation, the PFM Duty Limit (DTYLIMIT_PFM) is set to 200% (TYP.). Therefore, under the condition that the
duty increases (e.g. the condition that the step-down ratio is small), it’s possible for P-ch MOSFET to be turned off even when coil
current doesn’t reach to IPFM. →IPFM②
tON
Lx
IPFM
0mA
IPFM①
IPFM②
0mA
Lx
fOSC
Maximum IPFM Limit
ILx
ILx
IPFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com