Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2136 Datasheet(PDF) 41 Page - Texas Instruments

Part # TUSB2136
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TUSB2136_06 Datasheet HTML 37Page - Texas Instruments TUSB2136_06 Datasheet HTML 38Page - Texas Instruments TUSB2136_06 Datasheet HTML 39Page - Texas Instruments TUSB2136_06 Datasheet HTML 40Page - Texas Instruments TUSB2136_06 Datasheet HTML 41Page - Texas Instruments TUSB2136_06 Datasheet HTML 42Page - Texas Instruments TUSB2136_06 Datasheet HTML 43Page - Texas Instruments TUSB2136_06 Datasheet HTML 44Page - Texas Instruments TUSB2136_06 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
2−28
EEPROM [DATA]
•
The MCU sets I2CSTA[SWR] = 1. This forces the I2C controller to generate a stop condition after the content
of the I2CDAO register is transmitted.
•
The MCU writes the DATA to be written to the EEPROM into the I2CDAO register.
•
The TXE bit in I2CSTA is cleared, indicating busy.
•
The content of the I2CDAO register is transmitted to the device (EEPROM data).
•
The TXE bit in I2CSTA is set, and interrupts the MCU, indicating that the I2CDAO register has been
transmitted.
•
The I2C controller generates a stop condition after the content of the I2CDAO register is transmitted.
2.11.5 Page Write Operation
The page write operation is initiated the same way as byte write, with the exception that a stop condition is not
generated after the first EEPROM [DATA] is transmitted. The following describes the sequence of writing 32 bytes
in page mode:
Device Address + EEPROM [high byte]
•
The MCU sets I2CSTA[SWR] = 0. This prevents the I2C controller from generating a stop condition after
the content of the I2CDAO register is transmitted.
•
The MCU writes the device address (R/W bit = 0) to the I2CADR register (write operation).
•
The MCU writes the high byte of the EEPROM address into the I2CDAO register.
•
The TXE bit in I2CSTA is cleared, indicating busy.
•
The content of the I2CADR register is transmitted to the device (preceded by a start condition on SDA).
•
The content of the I2CDAO register is transmitted to the device (EEPROM address).
•
The TXE bit in I2CSTA is set, and interrupts the MCU, indicating that the I2CDAO register has been sent.
EEPROM [low byte]
•
The MCU writes the low byte of the EEPROM address into the I2CDAO register.
•
The TXE bit in I2CSTA is cleared, indicating busy.
•
The content of the I2CDAO register is transmitted to the device (EEPROM address).
•
The TXE bit in I2CSTA is set, and interrupts the MCU, indicating that the I2CDAO register has been sent.
31 Bytes EEPROM [DATA]
•
The MCU writes the DATA to be written to the EEPROM into the I2CDAO register.
•
The TXE bit in I2CSTA is cleared, indicating busy.
•
The content of the I2CDAO register is transmitted to the device (EEPROM data).
•
The TXE bit in I2CSTA is set, and interrupts the MCU, indicating that the I2CDAO register has been sent.
•
This operation repeats 31 times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com