Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2136 Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB2136
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB2136_06 Datasheet HTML 4Page - Texas Instruments TUSB2136_06 Datasheet HTML 5Page - Texas Instruments TUSB2136_06 Datasheet HTML 6Page - Texas Instruments TUSB2136_06 Datasheet HTML 7Page - Texas Instruments TUSB2136_06 Datasheet HTML 8Page - Texas Instruments TUSB2136_06 Datasheet HTML 9Page - Texas Instruments TUSB2136_06 Datasheet HTML 10Page - Texas Instruments TUSB2136_06 Datasheet HTML 11Page - Texas Instruments TUSB2136_06 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
1−1
1 Introduction
The TUSB2136 is an integrated universal serial bus (USB) hub with a general-purpose 8052 microcontroller that can
be used for various USB controller applications. The TUSB2136 has 8K
× 8 RAM space for application development.
Using a 12-MHz crystal, the onboard oscillator generates the internal system clocks. No additional programming is
required for any part of the hub functions. The device is programmed via an inter-IC (I2C) serial interface at power
on from an EEPROM, or optionally, the application firmware can be downloaded from a host PC via USB. The
8052-based microprocessor allows several third-party standard tools to be used for application development. In
addition, the application code available in the general market can also be used (this may or may not require some
code modification due to hardware variations).
1.1
Features
•
Multiproduct support with one code and one chip (up to 16 products with one chip)
•
Fully compliant with the USB specification as a compound full-speed device: TID #30270119
•
Supports 1.5- and 12-Mbits/s USB data rates
•
Supports USB suspend/resume and remote wake-up operation
•
Integrated two-port hub with individual power management per port
•
Integrated 8052 microcontroller with:
−
256
× 8 RAM for internal data
−
8K
× 8 RAM code space available for downloadable firmware from host or I2C port.
−
512
× 8 shared RAM used for data buffers and endpoint descriptor blocks (EDB) [1]
−
Four 8052 GPIO ports (ports 0,1, 2 and 3)
−
Master I2C controller for external slave device access
−
Watchdog timer
•
Operates from a 12-MHz crystal
•
On-chip PLL generates 48 MHz
•
Supports a total of three input and three output (interrupt, bulk) endpoints
•
Power-down mode
•
64-pin TQFP package
[1] This is the buffer space for USB packet transactions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com