Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2136 Datasheet(PDF) 5 Page - Texas Instruments

Part # TUSB2136
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB2136_06 Datasheet HTML 1Page - Texas Instruments TUSB2136_06 Datasheet HTML 2Page - Texas Instruments TUSB2136_06 Datasheet HTML 3Page - Texas Instruments TUSB2136_06 Datasheet HTML 4Page - Texas Instruments TUSB2136_06 Datasheet HTML 5Page - Texas Instruments TUSB2136_06 Datasheet HTML 6Page - Texas Instruments TUSB2136_06 Datasheet HTML 7Page - Texas Instruments TUSB2136_06 Datasheet HTML 8Page - Texas Instruments TUSB2136_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
iv
2.6.1
FUNADR: Function Address Register
2−13
. . . . . . . . . . . . . . . . .
2.6.2
USBSTA: USB Status Register
2−14
. . . . . . . . . . . . . . . . . . . . . . .
2.6.3
USBMSK: USB Interrupt Mask Register
2−15
. . . . . . . . . . . . . . .
2.6.4
USBCTL: USB Control Register
2−16
. . . . . . . . . . . . . . . . . . . . . .
2.6.5
HUBCNFG: HUB-Configuration Register
2−17
. . . . . . . . . . . . . . .
2.6.6
HUBPOTG: HUB Power-On to Power-Good
Descriptor Register
2−17
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.6.7
HUBCURT: HUB Current Descriptor Register
2−17
. . . . . . . . . . .
2.6.8
HUBPIDL: HUB-PID Register (Low-Byte)
2−18
. . . . . . . . . . . . . .
2.6.9
HUBPIDH: HUB-PID Register (High-Byte)
2−18
. . . . . . . . . . . . .
2.6.10
HUBVIDL: HUB-VID Register (Low-Byte)
2−18
. . . . . . . . . . . . . .
2.6.11
HUBVIDH: HUB-VID Register (High-Byte)
2−18
. . . . . . . . . . . . .
2.6.12
VIDSTA: VID/PID Status Register
2−18
. . . . . . . . . . . . . . . . . . . . .
2.7
Function Reset and Power-Up Reset Interconnect
2−19
. . . . . . . . . . . . . . .
2.8
Pullup Resistor Connect/Disconnect
2−19
. . . . . . . . . . . . . . . . . . . . . . . . . . .
2.9
8052 Interrupt and Status Registers
2−20
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.9.1
8052 Standard Interrupt Enable Register
2−21
. . . . . . . . . . . . . . .
2.9.2
Additional Interrupt Sources
2−21
. . . . . . . . . . . . . . . . . . . . . . . . . .
2.9.3
VECINT: Vector Interrupt Register
2−22
. . . . . . . . . . . . . . . . . . . . .
2.9.4
Logical Interrupt Connection Diagram (INT0)
2−23
. . . . . . . . . . .
2.9.5
P2[7:0] Interrupt (INT1)
2−23
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.10
I2C Registers
2−24
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.10.1
I2CSTA: I2C Status and Control Register
2−24
. . . . . . . . . . . . . .
2.10.2
I2CADR: I2C Address Register
2−25
. . . . . . . . . . . . . . . . . . . . . . .
2.10.3
I2CDAI: I2C Data-Input Register
2−25
. . . . . . . . . . . . . . . . . . . . . .
2.10.4
I2CDAO: I2C Data-Output Register
2−25
. . . . . . . . . . . . . . . . . . .
2.11
Read/Write Operations
2−25
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.11.1
Read Operation (Serial EEPROM)
2−25
. . . . . . . . . . . . . . . . . . . .
2.11.2
Current Address Read Operation
2−26
. . . . . . . . . . . . . . . . . . . . .
2.11.3
Sequential Read Operation
2−26
. . . . . . . . . . . . . . . . . . . . . . . . . .
2.11.4
Write Operation (Serial EEPROM)
2−27
. . . . . . . . . . . . . . . . . . . .
2.11.5
Page Write Operation
2−28
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3
Electrical Specifications
3−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.1
Absolute Maximum Ratings Over Operating Free-Air
Temperature Range
3−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.2
Commercial Operating Condition
3−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.3
Electrical Characteristics, TA = 25°C, VCC = 3.3 V ± 0.3 V,
GND = 0 V
3−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4
Application
4−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.1
Keyboard Section
4−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.2
Reset Timing
4−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5
Mechanical Data
5−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com