Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412RGY7TR Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32F412RGY7TR
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGY7TR Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32F412RGY7TR Datasheet HTML 59Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 60Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 61Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 62Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 63Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 64Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 65Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 66Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 201 page
background image
DocID028087 Rev 7
63/201
STM32F412xE/G
Pinouts and pin description
73
41 57 C4 91
C5
B6
135
PB5
I/O
FT
-
TIM3_CH2,
I2C1_SMBA,
SPI1_MOSI/I2S1_SD,
SPI3_MOSI/I2S3_SD,
CAN2_RX, SDIO_D3,
EVENTOUT
-
42 58 B5 92
B5
C6
136
PB6
I/O
FT
-
TIM4_CH1, I2C1_SCL,
USART1_TX,
CAN2_TX,
QUADSPI_BK1_NCS,
SDIO_D0, EVENTOUT
-
43 59 A6 93
B4
D6
137
PB7
I/O
FT
-
TIM4_CH2, I2C1_SDA,
USART1_RX,
FSMC_NL, EVENTOUT
-
44 60 D4 94
A4
D5
138
BOOT0
I
B
-
-
VPP
45 61 C5 95
A3
C5
139
PB8
I/O
FT
-
TIM4_CH3,
TIM10_CH1, I2C1_SCL,
SPI5_MOSI/I2S5_SD,
CAN1_RX, I2C3_SDA,
SDIO_D4, EVENTOUT
-
46 62 B6 96
B3
B5
140
PB9
I/O
FT
-
TIM4_CH4,
TIM11_CH1, I2C1_SDA,
SPI2_NSS/I2S2_WS,
CAN1_TX, I2C2_SDA,
SDIO_D5, EVENTOUT
-
-
-
-
97
C3
A5
141
PE0
I/O
FT
-
TIM4_ETR,
FSMC_NBL0,
EVENTOUT
-
-
-
-
98
A2
A4
142
PE1
I/O
FT
-
FSMC_NBL1,
EVENTOUT
-
47 63 A7 99
D3
E6
-
VSS
S
-
-
-
-
-
-
C6
-
H3
E5
143 PDR_ON
I
FT
-
-
-
48 64 A8 100
C4
F5
144
VDD
S
-
-
-
-
1. Function availability depends on the chosen device.
2. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF.
- These I/Os must not be used as a current source (e.g. to drive an LED).
Table 9. STM32F412xE/G pin definition (continued)
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com