Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412RGY7TR Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32F412RGY7TR
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGY7TR Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32F412RGY7TR Datasheet HTML 60Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 61Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 62Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 63Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 64Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 65Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 66Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 67Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 201 page
background image
Pinouts and pin description
STM32F412xE/G
64/201
DocID028087 Rev 7
3. Main function after the first backup domain power-up. Later on, it depends on the contents of the RTC registers even after
reset (because these registers are not reset by the main reset). For details on how to manage these I/Os, refer to the RTC
register description sections in the STM32F412xE/Greference manual.
4. FT = 5 V tolerant except when in analog mode or oscillator mode (for PC14, PC15, PH0 and PH1).
Table 10. FSMC pin definition
Pins
FSMC
64 pins
100 pins
144 pins
LCD/NOR/PSR
AM/SRAM
NOR/PSRAM
Mux
PE2
A23
A23
-
Yes
Yes
PE3
A19
A19
-
Yes
Yes
PE4
A20
A20
-
Yes
Yes
PE5
A21
A21
-
Yes
Yes
PE6
A22
A22
-
Yes
Yes
PF0
A0
-
-
-
Yes
PF1
A1
-
-
-
Yes
PF2
A2
-
-
-
Yes
PF3
A3
-
-
-
Yes
PF4
A4
-
-
-
Yes
PF5
A5
-
-
-
Yes
PC2
NWE
NWE
Yes
Yes
Yes
PC3
A0
-
Yes
Yes
Yes
PA2
D4
DA4
Yes
Yes
Yes
PA3
D5
DA5
Yes
Yes
Yes
PA4
D6
DA6
Yes
Yes
Yes
PA5
D7
DA7
Yes
Yes
Yes
PC4
NE4
NE4
Yes
Yes
Yes
PC5
NOE
NOE
Yes
Yes
Yes
PF12
A6
-
-
-
Yes
PF13
A7
-
-
-
Yes
PF14
A8
-
-
-
Yes
PF15
A9
-
-
-
Yes
PG0
A10
-
-
-
Yes
PG1
A11
-
-
-
Yes
PE7
D4
DA4
-
Yes
Yes
PE8
D5
DA5
-
Yes
Yes
PE9
D6
DA6
-
Yes
Yes
PE10
D7
DA7
-
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com